Electronic Components Datasheet Search
  English  ▼

X  

ES2BA Datasheet(PDF) 5 Page - AiT Semiconductor Inc.

Part # ES2BA
Description  RECTIFIER DIODE REVERSE VOLTAGE 50V TO 600V FORWARD CURRENT 2A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

ES2BA Datasheet(HTML) 5 Page - AiT Semiconductor Inc.

  ES2BA Datasheet HTML 1Page - AiT Semiconductor Inc. ES2BA Datasheet HTML 2Page - AiT Semiconductor Inc. ES2BA Datasheet HTML 3Page - AiT Semiconductor Inc. ES2BA Datasheet HTML 4Page - AiT Semiconductor Inc. ES2BA Datasheet HTML 5Page - AiT Semiconductor Inc. ES2BA Datasheet HTML 6Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
ES2AA ~ ES2JA
RECTIFIER DIODE
REVERSE VOLTAGE 50V TO 600V FORWARD CURRENT 2A
REV1.0
- JUN 2021 RELEASED -
- 5 -
PACKAGE INFORMATION
Dimension in SMA(Unit: mm)
Plastic surface mounted package; 2 leads
The recommended mounting pad size
UNIT
A
D
E
HE
c
e
g
a
mm
Max
2.2
4.5
2.7
5.2
0.31
1.6
1.5
0.3
Min
1.9
4.0
2.3
4.7
0.15
1.3
0.9
mil
Max
87
181
106
205
12
63
59
12
Min
75
157
91
185
3
51
35



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com