Electronic Components Datasheet Search
  English  ▼

X  

ES2BA Datasheet(PDF) 2 Page - AiT Semiconductor Inc.

Part # ES2BA
Description  RECTIFIER DIODE REVERSE VOLTAGE 50V TO 600V FORWARD CURRENT 2A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

ES2BA Datasheet(HTML) 2 Page - AiT Semiconductor Inc.

  ES2BA Datasheet HTML 1Page - AiT Semiconductor Inc. ES2BA Datasheet HTML 2Page - AiT Semiconductor Inc. ES2BA Datasheet HTML 3Page - AiT Semiconductor Inc. ES2BA Datasheet HTML 4Page - AiT Semiconductor Inc. ES2BA Datasheet HTML 5Page - AiT Semiconductor Inc. ES2BA Datasheet HTML 6Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
ES2AA ~ ES2JA
RECTIFIER DIODE
REVERSE VOLTAGE 50V TO 600V FORWARD CURRENT 2A
REV1.0
- JUN 2021 RELEASED -
- 2 -
ABSOLUTE MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or
inductive load. For capacitive load, derate current by 20%.
Parameter
Symbol ES2AA ES2BA ES2CA ES2DA ES2EA ES2GA ES2JA
Unit
Maximum Repetitive Peak
Reverse Voltage
VRRM
50
100
150
200
300
400
600
V
Maximum RMS Voltage
VRMS
35
70
105
140
210
280
420
V
Maximum DC Blocking Voltage
VDC
50
100
150
200
300
400
600
V
Maximum Average Forward
Rectified Current at TC=125°C
IF(AV)
2
A
Peak Forward Surge Current
8.3ms Single Half Sine Wave
Superimposed on Rated Load
IFSM
50
A
Maximum Forward Voltage at 2A
VF
1
1.25
1.68
V
Maximum DC
Reverse Current at
Rated DC Blocking
Voltage
TA=25°C
TA=125°C
IR
5
100
uA
Typical Junction Capacitance at
VR=4V, f=1MHz
CJ
40
pF
Maximum Reverse Recovery
TimeNOTE1
trr
35
ns
Typical Thermal ResistanceNOTE2
RθJA
60
°C/W
Operating and Storage
Temperature Range
TJ,
TSTG
-55 ~150
°C
NOTE1: Measured with IF = 0.5A, IR = 1A, Irr = 0.25A
NOTE2: P.C.B. mounted with 1.0 X 1.0" (2.54 X 2.54 cm) copper pad areas.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com