Electronic Components Datasheet Search
  English  ▼

X  

AMT12 Datasheet(PDF) 4 Page - CUI INC

Part # AMT12
Description  MODULAR INCREMENTAL ENCODER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

AMT12 Datasheet(HTML) 4 Page - CUI INC

  AMT12_V01 Datasheet HTML 1Page - CUI INC AMT12_V01 Datasheet HTML 2Page - CUI INC AMT12_V01 Datasheet HTML 3Page - CUI INC AMT12_V01 Datasheet HTML 4Page - CUI INC AMT12_V01 Datasheet HTML 5Page - CUI INC AMT12_V01 Datasheet HTML 6Page - CUI INC AMT12_V01 Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CUI Devices
│ SERIES: AMT12 │ DESCRIPTION: MODULAR INCREMENTAL ENCODER
date 09/10/2021
│ page 4 of 7
cuidevices.com
ENCODER INTERFACE
CONNECTOR PINOUT
Function
#
AMT122
AMT123
1
+5 V
+5 V
2
GND
GND
3
A
A
4
B
B
5
ENC_TX+
ENC_TX+
6
ENC_RX+
ENC_RX+
7
MCLR
MCLR
8
N/A
N/A
AMT123
AMT122
Mating Connector:
JST NSHR-08V-S
Additional Resources: Product Page



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com