Electronic Components Datasheet Search
  English  ▼

X  

AMT12 Datasheet(PDF) 1 Page - CUI INC

Part # AMT12
Description  MODULAR INCREMENTAL ENCODER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

AMT12 Datasheet(HTML) 1 Page - CUI INC

  AMT12_V01 Datasheet HTML 1Page - CUI INC AMT12_V01 Datasheet HTML 2Page - CUI INC AMT12_V01 Datasheet HTML 3Page - CUI INC AMT12_V01 Datasheet HTML 4Page - CUI INC AMT12_V01 Datasheet HTML 5Page - CUI INC AMT12_V01 Datasheet HTML 6Page - CUI INC AMT12_V01 Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
date 09/10/2021
page 1 of 7
SERIES: AMT12
│ DESCRIPTION: MODULAR INCREMENTAL ENCODER
cuidevices.com
FEATURES
• 16 prgrammable resolutions up to 4096 PPR
• single ended quadrature A/B
• resilient to dust, dirt, and oil
• low power consumption
• -40 to +125°C temperature range
• radial and axial cable connections
• configuration and firmware updates via AMT Viewpoint™ software
• fits motor shafts from 1 mm to ¼”
ELECTRICAL
parameter
conditions/description
min
typ
max
units
power supply
VDD
4.5
5
5.5
V
start-up time1
200
ms
current consumption
with unloaded output
16
mA
output high level
VDD-0.8
V
output low level
0.4
V
output current
CMOS sink/source per channel
2
mA
rise/fall time
30
ns
Note:
1. Encoder must be stationary during start-up.
INCREMENTAL CHARACTERISTICS
parameter
conditions/description
min
typ
max
units
channels
quadrature A & B
waveform
CMOS voltage square wave
phase difference
A leads B for CCW rotation (viewed from front)
90
degrees
quadrature resolutions2
96, 192, 200, 250, 384, 400, 500, 512, 768, 800,
1000, 1024, 1600, 2000, 2048, 4096
PPR
accuracy
0.25
degrees
quadrature duty cycle (at each
resolution)
512, 1024, 2048, 4096
96, 192, 200, 250, 384, 400, 500, 768, 800, 1000
1600, 2000
49
47
43
50
50
50
51
53
56
%
%
%
Notes:
2. Resolutions programmed with AMT Viewpoint™ PC software. Default resolution set to 2048 PPR. Listed as pre-quadrature, meaning final number of counts is PPR x 4.
Additional Resources: Product Page


Similar Part No. - AMT12_V01

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AMT121302 ANADIGICS-AMT121302 Datasheet
594Kb / 12P
1.25Gb/s 1310/1550nm PIN-TIA
Rev 0
AMT121302T46F ANADIGICS-AMT121302T46F Datasheet
594Kb / 12P
1.25Gb/s 1310/1550nm PIN-TIA
Rev 0
AMT121302T46L ANADIGICS-AMT121302T46L Datasheet
594Kb / 12P
1.25Gb/s 1310/1550nm PIN-TIA
Rev 0
logo
CUI INC
AMT122S-0096-1000 CUI-AMT122S-0096-1000 Datasheet
1Mb / 7P
MODULAR INCREMENTAL ENCODER
logo
CUI Devices
AMT122S-0096-1000 CUID-AMT122S-0096-1000 Datasheet
1,007Kb / 7P
MODULAR INCREMENTAL ENCODER
08/05/2022
More results

Similar Description - AMT12_V01

ManufacturerPart #DatasheetDescription
logo
CUI INC
LME CUI-LME Datasheet
874Kb / 5P
modular incremental encoder
AMT12 CUI-AMT12 Datasheet
1Mb / 7P
MODULAR INCREMENTAL ENCODER
AMT11A CUI-AMT11A Datasheet
721Kb / 9P
MODULAR INCREMENTAL ENCODER
11/18/2021
AMT11 CUI-AMT11_V01 Datasheet
733Kb / 9P
MODULAR INCREMENTAL ENCODER
09/10/2021
AMT13 CUI-AMT13_V01 Datasheet
1Mb / 8P
MODULAR INCREMENTAL ENCODER
09/10/2021
AMT10 CUI-AMT10_V01 Datasheet
948Kb / 8P
MODULAR INCREMENTAL ENCODER
08/04/2021
BME CUI-BME Datasheet
343Kb / 6P
modular incremental encoder
01/2009
logo
CUI Devices
AMT10 CUID-AMT10 Datasheet
869Kb / 8P
MODULAR INCREMENTAL ENCODER
08/05/2022
AMT11 CUID-AMT11 Datasheet
647Kb / 9P
MODULAR INCREMENTAL ENCODER
08/05/2022
AMT13 CUID-AMT13 Datasheet
1Mb / 8P
MODULAR INCREMENTAL ENCODER
08/05/2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com