Electronic Components Datasheet Search
  English  ▼

X  

FBA Datasheet(PDF) 3 Page - AiT Semiconductor Inc.

Part # FBA
Description  MULTILAYER CHIP BEAD
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

FBA Datasheet(HTML) 3 Page - AiT Semiconductor Inc.

  FBA Datasheet HTML 1Page - AiT Semiconductor Inc. FBA Datasheet HTML 2Page - AiT Semiconductor Inc. FBA Datasheet HTML 3Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
MULTILAYER CHIP BEAD
FBA
PART NUMBER
Impedance(
Ω) ±25% at 100MHz DC Resistance(Ω)Max Rated Current (mA) Max
FBA201209U101
100
0.20
300
FBA201209U121
120
0.20
300
FBA201209U151
150
0.20
300
FBA201209U221
220
0.25
300
FBA201209U301
300
0.25
300
FBA201209U401
400
0.30
300
FBA201209U601
600
0.35
300
FBA201209U102
1000
0.45
300
FBA201209U102-0.5A
1000
0.45
500
FBA201209U152
1500
0.70
300
FBA201209U222
2200
0.80
200
FBA321611U190
19
0.10
800
FBA321611U260
26
0.10
800
FBA321611U310
31
0.10
800
FBA321611U520
52
0.15
800
FBA321611U600
60
0.15
500
FBA321611U700
70
0.15
500
FBA321611U101
100
0.20
450
FBA321611U121
120
0.20
450
FBA321611U151
150
0.20
450
FBA321611U301
300
0.20
350
FBA321611U401
400
0.25
350
FBA321611U601
600
0.25
350
FBA321611U601-0.4A
600
0.35
400
FBA321611U751
750
0.30
350
FBA321611U102
1000
0.35
350
FBA321611U152
1500
0.40
350
FBA321611U182
1800
0.40
350
FBA322513U310
31
0.10
500
FBA322513U520
52
0.30
400
FBA322513U600
60
0.10
400



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com