Electronic Components Datasheet Search
  English  ▼

X  

FBA Datasheet(PDF) 1 Page - AiT Semiconductor Inc.

Part # FBA
Description  MULTILAYER CHIP BEAD
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

FBA Datasheet(HTML) 1 Page - AiT Semiconductor Inc.

  FBA Datasheet HTML 1Page - AiT Semiconductor Inc. FBA Datasheet HTML 2Page - AiT Semiconductor Inc. FBA Datasheet HTML 3Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
MULTILAYER CHIP BEAD
FBA
●FEATURE
1.
Small size chips generating high impedance
2.
High reliability due to an entirely monolithic structure
3.
Low DC resistance structure of electrode prevents wasteful electric power
consumption
4.
Suppress EMI/RFI and to prevent self-oscillation in electronic products
●APPLICATION
1.
Cellular phones, Digital communication equipment
2.
Circuit where a stable ground is unavailable
●ORDERING INFORMATION
FBA100505
U
100
PN
Material
Impedance(Ω)
●Shape and Dimension
B
Ferrite
A
TERM INAL ELECTRODE
C
D
●SPECIFICATION
Dimension in mm(in inches)
TYPE
A
B
C
D
100505(0402)
1.0±0.05(0.040±0.002)
0.50±0.05(0.020±0.002)
0.5±0.05(0.020±0.002)
0.2±0.10
160808(0603)
1.6±0.15(0.063±0.006)
0.80±0.15(0.031±0.006)
0.8±0.15(0.031±0.006)
0.5±0.30
201209(0805)
2.0±0.20(0.079±0.008)
1.25±0.20(0.049±0.008)
0.9±0.20(0.035±0.008)
0.5±0.30
321611(1206)
3.2±0.20(0.126±0.008)
1.60±0.20(0.063±0.008)
1.1±0.20(0.043±0.008)
0.7±0.30
322513(1210)
3.2±0.20(0.126±0.008)
2.50±0.20(0.098±0.008)
1.3±0.20(0.051±0.008)
0.8±0.30
Note: Test equipment: HP 4291A Impedance analyzer


Similar Part No. - FBA

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
FBA-1-SL-5POL FESTO-FBA-1-SL-5POL Datasheet
72Kb / 1P
Bus connection
FBA-2-M12-5POL FESTO-FBA-2-M12-5POL Datasheet
78Kb / 1P
Bus connection
FBA-2-M12-5POL-RK FESTO-FBA-2-M12-5POL-RK Datasheet
79Kb / 1P
Bus connection
logo
Taiyo Yuden (U.S.A.), I...
FBA03HA450BB-00 TAIYO-YUDEN-FBA03HA450BB-00 Datasheet
138Kb / 1P
Leaded Ferrite Bead Inductors
FBA03HA450UB-00 TAIYO-YUDEN-FBA03HA450UB-00 Datasheet
138Kb / 1P
Leaded Ferrite Bead Inductors
More results

Similar Description - FBA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BF-SB100505-121Y-T ETC2-BF-SB100505-121Y-T Datasheet
30Kb / 1P
Multilayer Ferrite Chip Bead
logo
ABC Taiwan Electronics ...
MD1608400YL ABC-MD1608400YL Datasheet
361Kb / 7P
MULTILAYER CHIP BEAD
MU1005300YL ABC-MU1005300YL Datasheet
117Kb / 6P
MULTILAYER CHIP BEAD
SM4532 ABC-SM4532 Datasheet
217Kb / 6P
MULTILAYER CHIP BEAD
logo
Caliber Electronics Inc...
BF-LC100505 CALIBER-BF-LC100505 Datasheet
25Kb / 1P
Multilayer Ferrite Chip Bead
BF-NB100505 CALIBER-BF-NB100505 Datasheet
28Kb / 1P
Multilayer Ferrite Chip Bead
logo
Bourns Electronic Solut...
CI160808_MDS BOURNS-CI160808_MDS Datasheet
301Kb / 1P
Multilayer Chip Bead
logo
Abracon Corporation
ACBA-0805 ABRACON-ACBA-0805 Datasheet
1Mb / 3P
Multilayer Chip Bead Array
09.26.12
ACBA-1206 ABRACON-ACBA-1206 Datasheet
266Kb / 2P
MULTILAYER CHIP BEAD ARRAY
08.07.07
logo
AiT Semiconductor Inc.
FBP AITSEMI-FBP Datasheet
197Kb / 4P
MULTILAYER CHIP BEAD
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com