Electronic Components Datasheet Search
  English  ▼

X  

KOG2016 Datasheet(PDF) 1 Page - AiT Semiconductor Inc.

Part # KOG2016
Description  SMD LOW POWER PROGRAMMABLE OSCILLATORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

KOG2016 Datasheet(HTML) 1 Page - AiT Semiconductor Inc.

  KOG2016 Datasheet HTML 1Page - AiT Semiconductor Inc. KOG2016 Datasheet HTML 2Page - AiT Semiconductor Inc. KOG2016 Datasheet HTML 3Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
KOG
SMD LOW POWER PROGRAMMABLE OSCILLATORS
KOG2016/KOG2520/KOG3225/KOG5032/KOG7050
Features
Any frequency between 1MHz~110MHz and 115MHz~137MHz
accurate to 6 decimal places.
CMOS output.
Low power consumption of 3.5mA (4.9mA for High Frequency)
typical at 1.8V.
Standby mode for longer battery life
Package siez: 2.0×1.6, 2.5×2.0, 3.2×2.5, 5.0×3.2, 7.0×5.0.
Excellent total frequency stability as low as ±20ppm.
Fast startup time of 5ms.
Faster delivery.
Electrical Specifications
Type
Low Power Programmable Oscillators
Frequency Output
1MHz~110MHz
115MHz~137MHz
Frequency Stability
Operating Temperature Range
Supply Voltage
±20ppm, ±25ppm, ±50ppm, or specify
-20~+70°C, -40~+85°C
1.8V~3.3V
Current Consumption
3.5mA Typ.
4.9mA Typ.
OE Disable Current
4.2mA Max.
Standby Current
0.2mA Typ.
0.6mA Typ.
Duty Cycle
Rise / Fall Time
Output High Voltage
Output Low Voltage
Input High Voltage
Input Low Voltage
Startup Time
Enable / Disable Time
Resume Time
RMS Period Jitter
Peak-to-Peak Period Jitter
RMS Phase Noise (random)
Storage Temperature Range
Output Type
45~55%
2ns Max.
90% VDD
10% VDD
70% VDD
30% VDD
5ms Max.
130ns Max.
5ms Max.
1.8ps Typ.
12ps Typ.
0.5ps Typ.
-65~+150°C
CMOS
Ordering Information
KOG5032
100M000000
K
R
Product Code
KOG2016/
KOG2520/
KOG3225/
KOG5032/
KOG7050
Frequency Range
100.000000MHz
Function + Supply Voltage
K:
OE +1.8V
L:
ST +1.8V
M:
NC +1.8V
R:
OE +2.8V
S:
ST +2.8V
T:
NC +2.8V
X:
OE +3.3V
Y:
ST +3.3V
Z:
NC +3.3V
Frequency Stability+ Operating Temperature
R:
±20ppm
-20~+70℃
S:
±25ppm
-20~+70℃
T:
±50ppm
-20~+70℃
X:
±20ppm
-40~+85℃
Y:
±25ppm
-40~+85℃
Z:
±50ppm
-40~+85℃


Similar Description - KOG2016

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CSX750P ETC2-CSX750P Datasheet
915Kb / 1P
PROGRAMMABLE OSCILLATORS
CSX-325P ETC2-CSX-325P Datasheet
77Kb / 1P
PROGRAMMABLE OSCILLATORS
logo
EUROQUARTZ limited
SP8 EUROQUARTZ-SP8 Datasheet
112Kb / 1P
OSCILLATORS - PROGRAMMABLE
SPG EUROQUARTZ-SPG Datasheet
231Kb / 4P
OSCILLATORS - PROGRAMMABLE
logo
Ecliptek Corporation
EP2500ETTTSL-24000MTR ECLIPTEK-EP2500ETTTSL-24000MTR Datasheet
117Kb / 3P
Programmable Crystal Oscillators
EP2600ETTTS-24000MTR ECLIPTEK-EP2600ETTTS-24000MTR Datasheet
118Kb / 3P
Programmable Crystal Oscillators
EP3600ETTTS-24000MTR ECLIPTEK-EP3600ETTTS-24000MTR Datasheet
113Kb / 3P
Programmable Crystal Oscillators
logo
CITIZEN ELECTRONICS CO....
CSX-325P CITIZEN-CSX-325P Datasheet
78Kb / 1P
PROGRAMMABLE OSCILLATORS
CSX750P CITIZEN-CSX750P Datasheet
915Kb / 1P
PROGRAMMABLE OSCILLATORS
SSX-750P CITIZEN-SSX-750P Datasheet
497Kb / 2P
PROGRAMMABLE OSCILLATORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com