Electronic Components Datasheet Search
  English  ▼

X  

KOG2016 Datasheet(PDF) 2 Page - AiT Semiconductor Inc.

Part # KOG2016
Description  SMD LOW POWER PROGRAMMABLE OSCILLATORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

KOG2016 Datasheet(HTML) 2 Page - AiT Semiconductor Inc.

  KOG2016 Datasheet HTML 1Page - AiT Semiconductor Inc. KOG2016 Datasheet HTML 2Page - AiT Semiconductor Inc. KOG2016 Datasheet HTML 3Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
KOG
SMD LOW POWER PROGRAMMABLE OSCILLATORS
KOG2016/KOG2520/KOG3225/KOG5032/KOG7050
Pin Description
Pin
Symbol
Function
1
OE/
ST / NC
Output
Enable
H: specified frequency output.
L: output is high impedance. Only output device is disabled
Standby
H: specified frequency output.
L: output is low (weak pull down). Device goes to sleep mode,
Supply current reduces to I_std.
No Connect
Any voltage between 0 and VDD or open: Specified frequency
output. Pin 1 has on function
2
GND
Power
Electrical Ground
3
Output
Output
Oscillator Output
4
VDD
Power
Power of supply voltage



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com