Electronic Components Datasheet Search
  English  ▼

X  

ESD752 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # ESD752
Description  ESD752 and ESD7x2 24-V, 2-Channel, ESD Protection with 6A of 8/20 關s Surge Protection in a SOT-23 and SOT-323, SC-70 Package
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ESD752 Datasheet(HTML) 18 Page - Texas Instruments

Back Button ESD752 Datasheet HTML 14Page - Texas Instruments ESD752 Datasheet HTML 15Page - Texas Instruments ESD752 Datasheet HTML 16Page - Texas Instruments ESD752 Datasheet HTML 17Page - Texas Instruments ESD752 Datasheet HTML 18Page - Texas Instruments ESD752 Datasheet HTML 19Page - Texas Instruments ESD752 Datasheet HTML 20Page - Texas Instruments ESD752 Datasheet HTML 21Page - Texas Instruments ESD752 Datasheet HTML 22Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
12.1 Tape and Reel Information
Reel Width (W1)
REEL DIMENSIONS
A0
B0
K0
W
Dimension designed to accommodate the component length
Dimension designed to accommodate the component thickness
Overall width of the carrier tape
Pitch between successive cavity centers
Dimension designed to accommodate the component width
TAPE DIMENSIONS
K0
P1
B0 W
A0
Cavity
QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE
Pocket Quadrants
Sprocket Holes
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
Reel
Diameter
User Direction of Feed
P1
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width W1
(mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
PESD752DBZR
SOT-23
DBZ
3
3000
180.0
8.4
2.9
3.35
1.35
4.0
5.30
Q3
PESD752DCKR
SOT-SC70
DCK
3
3000
178.0
9.0
2.4
2.5
1.2
4.0
8.0
Q3
ESD752
SLVSGX0 – MAY 2022
www.ti.com
18
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: ESD752



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com