Electronic Components Datasheet Search
  English  ▼

X  

ESD752 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # ESD752
Description  ESD752 and ESD7x2 24-V, 2-Channel, ESD Protection with 6A of 8/20 關s Surge Protection in a SOT-23 and SOT-323, SC-70 Package
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ESD752 Datasheet(HTML) 19 Page - Texas Instruments

Back Button ESD752 Datasheet HTML 14Page - Texas Instruments ESD752 Datasheet HTML 15Page - Texas Instruments ESD752 Datasheet HTML 16Page - Texas Instruments ESD752 Datasheet HTML 17Page - Texas Instruments ESD752 Datasheet HTML 18Page - Texas Instruments ESD752 Datasheet HTML 19Page - Texas Instruments ESD752 Datasheet HTML 20Page - Texas Instruments ESD752 Datasheet HTML 21Page - Texas Instruments ESD752 Datasheet HTML 22Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
TAPE AND REEL BOX DIMENSIONS
Width (mm)
H
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
PESD752DBZR
SOT-23
DBZ
3
3000
210.0
185.0
35.0
PESD752DCKR
SOT-SC70
DCK
3
3000
180.0
180.0
18.0
www.ti.com
ESD752
SLVSGX0 – MAY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: ESD752



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com