Electronic Components Datasheet Search
  English  ▼

X  

LM2902 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM2902
Description  LM2902-Q1, LM2902B-Q1, and LM2902BA-Q1 Industry-Standard Quad Operational Amplifiers for Automotive Applications
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2902 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM2902 Datasheet HTML 9Page - Texas Instruments LM2902 Datasheet HTML 10Page - Texas Instruments LM2902 Datasheet HTML 11Page - Texas Instruments LM2902 Datasheet HTML 12Page - Texas Instruments LM2902 Datasheet HTML 13Page - Texas Instruments LM2902 Datasheet HTML 14Page - Texas Instruments LM2902 Datasheet HTML 15Page - Texas Instruments LM2902 Datasheet HTML 16Page - Texas Instruments LM2902 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
The LM2902-Q1, LM2902B-Q1, LM2902BA-Q1 operational amplifiers are useful in a wide range of signal
conditioning applications. Inputs can be powered before VS for flexibility in multiple supply circuits. For full
application design guidelines related to this family of devices, please refer to the application report Application
design guidelines for LM324/LM358 devices.
9.2 Typical Application
A typical application for an operational amplifier is an inverting amplifier. This amplifier takes a positive voltage
on the input, and makes it a negative voltage of the same magnitude. In the same manner, it also makes
negative voltages positive.
Vsup+
+
VOUT
RF
VIN
RI
Vsup-
Figure 9-1. Application Schematic
9.3 Design Requirements
The supply voltage must be chosen such that it is larger than the input voltage range and output range. For
instance, this application scales a signal of ±0.5 V to ±1.8 V. Setting the supply at ±12 V is sufficient to
accommodate this application.
9.4 Detailed Design Procedure
Determine the gain required by the inverting amplifier using Equation 1 and Equation 2:
V
VOUT
A
VIN
(1)
V
1.8
A
3.6
0.5
(2)
Once the desired gain is determined, choose a value for RI or RF. Choosing a value in the kilohm range is
desirable because the amplifier circuit uses currents in the milliampere range. This ensures the part does not
draw too much current. This example uses 10 kΩ for RI which means 36 kΩ is used for RF. This was determined
by Equation 3.
V
RF
A
RI
(3)
www.ti.com
LM2902-Q1, LM2902B-Q1, LM2902BA-Q1
SGLS178F – AUGUST 2003 – REVISED MAY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: LM2902-Q1 LM2902B-Q1 LM2902BA-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com