Electronic Components Datasheet Search
  English  ▼

X  

LM2902 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LM2902
Description  LM2902-Q1, LM2902B-Q1, and LM2902BA-Q1 Industry-Standard Quad Operational Amplifiers for Automotive Applications
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2902 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM2902 Datasheet HTML 12Page - Texas Instruments LM2902 Datasheet HTML 13Page - Texas Instruments LM2902 Datasheet HTML 14Page - Texas Instruments LM2902 Datasheet HTML 15Page - Texas Instruments LM2902 Datasheet HTML 16Page - Texas Instruments LM2902 Datasheet HTML 17Page - Texas Instruments LM2902 Datasheet HTML 18Page - Texas Instruments LM2902 Datasheet HTML 19Page - Texas Instruments LM2902 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
11 Layout
11.1 Layout Guidelines
For best operational performance of the device, use good PCB layout practices, including:
• Noise can propagate into analog circuitry through the power pins of the circuit as a whole, as well as the
operational amplifier. Bypass capacitors are used to reduce the coupled noise by providing low-impedance
power sources local to the analog circuitry.
– Connect low-ESR, 0.1-µF ceramic bypass capacitors between each supply pin and ground, placed as
close to the device as possible. A single bypass capacitor from V+ to ground is applicable for single-
supply applications.
• Separate grounding for analog and digital portions of circuitry is one of the simplest and most-effective
methods of noise suppression. One or more layers on multilayer PCBs are usually devoted to ground planes.
A ground plane helps distribute heat and reduces EMI noise pickup. Make sure to physically separate digital
and analog grounds, paying attention to the flow of the ground current.
• To reduce parasitic coupling, run the input traces as far away from the supply or output traces as possible. If it
is not possible to keep them separate, it is much better to cross the sensitive trace perpendicular as opposed
to in parallel with the noisy trace.
• Place the external components as close to the device as possible. Keeping RF and RG close to the inverting
input minimizes parasitic capacitance, as shown in Section 11.2.
• Keep the length of input traces as short as possible. Always remember that the input traces are the most
sensitive part of the circuit.
• Consider a driven, low-impedance guard ring around the critical traces. A guard ring can significantly reduce
leakage currents from nearby traces that are at different potentials.
11.2 Layout Example
OUT1
OUT2
IN1
í
IN1+
V
í
V+
IN2
í
IN2+
RG
RIN
RF
GND
VIN
VS
í
GND
VS+
GND
Run the input traces as far
away from the supply lines
as possible
Only needed for
dual-supply
operation
Place components close to
device and to each other to
reduce parasitic errors
Use low-ESR, ceramic
bypass capacitor
(or GND for single supply)
Ground (GND) plane on another layer
Figure 11-1. Operational Amplifier Board Layout for Noninverting Configuration
+
RIN
RG
RF
VOUT
VIN
Figure 11-2. Operational Amplifier Schematic for Noninverting Configuration
LM2902-Q1, LM2902B-Q1, LM2902BA-Q1
SGLS178F – AUGUST 2003 – REVISED MAY 2022
www.ti.com
16
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LM2902-Q1 LM2902B-Q1 LM2902BA-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com