Electronic Components Datasheet Search
  English  ▼

X  

CF4320 Datasheet(PDF) 13 Page - Texas Instruments

Part # CF4320
Description  CompactFlasH-TM BUS-INTERFACE CHIP WITH 짹15-kV ESD PROTECTION, TRANSLATION, AND CARD-DETECT CIRCUITRY
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CF4320 Datasheet(HTML) 13 Page - Texas Instruments

Back Button CF4320 Datasheet HTML 9Page - Texas Instruments CF4320 Datasheet HTML 10Page - Texas Instruments CF4320 Datasheet HTML 11Page - Texas Instruments CF4320 Datasheet HTML 12Page - Texas Instruments CF4320 Datasheet HTML 13Page - Texas Instruments CF4320 Datasheet HTML 14Page - Texas Instruments CF4320 Datasheet HTML 15Page - Texas Instruments CF4320 Datasheet HTML 16Page - Texas Instruments CF4320 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
www.ti.com
Electrical Characteristics
CF4320H
CompactFlash™ BUS-INTERFACE CHIP
WITH
±15-kV ESD PROTECTION, TRANSLATION, AND CARD-DETECT CIRCUITRY
SCES655 – APRIL 2006
Recommended Operating Conditions (continued)
VCCI
VCCO
MIN
MAX
UNIT
1.65 V to 2.7 V
>20
∆t/∆v
Input transition rise or fall rate
2.7 V to 3.6 V
>20
ns/V
4.5 V to 5.5 V
>20
TA
Operating free-air temperature
–40
85
°C
over recommended operating free-air temperature range (CF card-detect logic) (unless otherwise noted)
TA = 25°C
–40
°C to 85°C
PARAMETER
TEST CONDITIONS
VCC_SD
UNIT
MIN
TYP
MAX
MIN
MAX
IOH = –100 µA
1.65 V to 5.5 V
VCC_SD – 0.1
VCC_SD – 0.2
IOH = –2 mA
1.65 V
1.2
1.2
IOH = –4 mA
2.3 V
2
2
VOH
VI = VIH
V
IOH = –6 mA
2.7 V
2.3
2.3
IOH = –8 mA
3 V
2.4
2.4
IOH = –12 mA
4.5 V
3.8
3.8
IOL = 100 µA
1.65 V to 5.5 V
0.1
0.2
IOL = 2 mA
1.65 V
0.2
0.2
IOL = 4 mA
2.3 V
0.2
0.2
VOL
VI = VIL
V
IOL = 6 mA
2.7 V
0.3
0.3
IOL = 8 mA
3 V
0.4
0.4
IOL = 12 mA
4.5 V
0.5
0.5
VI = VCC_SD
±0.5
±1
II
1.65 V to 5.5 V
µA
VI = 0 V
–55
–60
Ioff
VI or VO = 0 to 5.5 V
0 V
55
60
µA
RINT
CD1 = GND, CD2 = GND
1.65 V to 5.5 V
150
300
100
300
k
Ω
CD1 and CD2 = VCC_SD,
0.5
1
IO_SD = 0
ICC_SD
5.5 V
µA
CD1 or CD2 = GND,
CD2 or CD1 = VCC_SD,
10
10
IO_SD = 0
Ci
CD1 or CD2
VI = VCC_SD or GND
5.5 V
9
pF
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com