Electronic Components Datasheet Search
  English  ▼

X  

CF4320 Datasheet(PDF) 21 Page - Texas Instruments

Part # CF4320
Description  CompactFlasH-TM BUS-INTERFACE CHIP WITH 짹15-kV ESD PROTECTION, TRANSLATION, AND CARD-DETECT CIRCUITRY
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CF4320 Datasheet(HTML) 21 Page - Texas Instruments

Back Button CF4320 Datasheet HTML 17Page - Texas Instruments CF4320 Datasheet HTML 18Page - Texas Instruments CF4320 Datasheet HTML 19Page - Texas Instruments CF4320 Datasheet HTML 20Page - Texas Instruments CF4320 Datasheet HTML 21Page - Texas Instruments CF4320 Datasheet HTML 22Page - Texas Instruments CF4320 Datasheet HTML 23Page - Texas Instruments CF4320 Datasheet HTML 24Page - Texas Instruments CF4320 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
www.ti.com
CF4320H
CompactFlash™ BUS-INTERFACE CHIP
WITH
±15-kV ESD PROTECTION, TRANSLATION, AND CARD-DETECT CIRCUITRY
SCES655 – APRIL 2006
Switching Characteristics (continued)
over recommended operating free-air temperature range (SA10–SA00, SCE1, SCE2, SIORD, SIOWR, SOE, SREG, SWE)
(see Figure 1)
–40
°C to
TA = 25°C
FROM
TO
TEST
85
°C
PARAMETER
VCC_S
VCC_CF
UNIT
(INPUT)
(OUTPUT)
CONDITIONS
MIN
TYP MAX
MIN MAX
3.3 V
± 0.3 V
8.4
13.9
21.2
7.2
23.2
1.8 V
± 0.15 V
5 V
± 0.5 V
7.6
12.3
18.5
6.6
23.7
3.3 V
± 0.3 V
7.7
12.3
18.2
6.4
19.8
CF output
MASTER_EN
tdis
BUF_EN
2.5 V
± 0.2 V
ns
(A pins)
= VIL
5 V
± 0.5 V
6.7
10.6
15.3
5
18.4
3.3 V
± 0.3 V
7.2
11.5
16.4
5.9
18
3.3 V
± 0.3 V
5 V
± 0.5 V
6.4
10
14.3
4.9
17
3.3 V
± 0.3 V
12.5
16.6
22.3
8.7
27.2
1.8 V
± 0.15 V
5 V
± 0.5 V
12.8
17
23.1
8.8
29.1
3.3 V
± 0.3 V
11.4
14.1
17.5
7.3
21.7
MASTER_EN
ten
BUF_EN
CF output
2.5 V
± 0.2 V
ns
= VIL
5 V
± 0.5 V
11.6
14
16.9
7.4
21.5
3.3 V
± 0.3 V
10.9
13.2
16
6.8
20
3.3 V
± 0.3 V
5 V
± 0.5 V
11
13.1
15.3
6.5
19.6
3.3 V
± 0.3 V
8.6
13.9
21.5
7.4
23.2
1.8 V
± 0.15 V
5 V
± 0.5 V
7.7
12.1
19.8
6.6
23.7
3.3 V
± 0.3 V
7.9
12.3
18.5
6.5
19.8
MASTER_EN
tdis
BUF_EN
CF output
2.5 V
± 0.2 V
ns
= VIL
5 V
± 0.5 V
6.6
10.4
17.1
5
18.4
3.3 V
± 0.3 V
7.4
11.7
17.5
6.1
18.9
3.3 V
± 0.3 V
5 V
± 0.5 V
6.1
9.7
16.2
4.9
17
3.3 V
± 0.3 V
6.1
14.2
29.6
4.9
32.8
1.8 V
± 0.15 V
5 V
± 0.5 V
6
14.2
30
4.9
33.2
3.3 V
± 0.3 V
4.8
8.8
15.4
3.4
19.3
ten
MASTER_EN
DIR_OUT
BUF_EN = VIL
2.5 V
± 0.2 V
ns
5 V
± 0.5 V
4.8
8.8
15.5
3.4
19.3
3.3 V
± 0.3 V
4.2
6.9
11.1
2.7
14.4
3.3 V
± 0.3 V
5 V
± 0.5 V
4.2
6.9
11.1
2.6
14.4
3.3 V
± 0.3 V
5.4
10
16.6
4.2
32.6
1.8 V
± 0.15 V
5 V
± 0.5 V
5.4
9.9
16.1
4.8
32.6
3.3 V
± 0.3 V
3.9
6.5
10.5
1.5
19.3
tdis
MASTER_EN
DIR_OUT
BUF_EN = VIL
2.5 V
± 0.2 V
ns
5 V
± 0.5 V
3.9
6.6
10.4
1.7
19.3
3.3 V
± 0.3 V
4.4
6.7
10.3
1.4
14.4
3.3 V
± 0.3 V
5 V
± 0.5 V
4.3
6.7
10.1
1.5
14.4
3.3 V
± 0.3 V
5
9.3
15.7
4
17.9
1.8 V
± 0.15 V
5 V
± 0.5 V
5
9.3
15.7
4
17.9
3.3 V
± 0.3 V
3.9
6
8.5
2.8
11
SIORD or
tpd
DIR_OUT
BUF_EN = VIL
2.5 V
± 0.2 V
ns
SOE
5 V
± 0.5 V
3.9
6
8.5
2.8
11
3.3 V
± 0.3 V
3.3
4.7
6.2
2.2
8.2
3.3 V
± 0.3 V
5 V
± 0.5 V
3.3
4.7
6.2
2.2
8.2
3.3 V
± 0.3 V
8.9
19.5
35.9
7.1
39.2
1.8 V
± 0.15 V
5 V
± 0.5 V
8.9
19.5
35.8
7
39.3
3.3 V
± 0.3 V
6.8
11.9
19.1
5
22.8
tpd
BUF_EN
DIR_OUT
BUF_EN = VIL
2.5 V
± 0.2 V
ns
5 V
± 0.5 V
6.8
11.9
19.2
4.9
22.8
3.3 V
± 0.3 V
5.8
9
13.3
4
15.8
3.3 V
± 0.3 V
5 V
± 0.5 V
5.8
9
13.3
3.9
15.9
21
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com