Electronic Components Datasheet Search
  English  ▼

X  

LLDB3 Datasheet(PDF) 5 Page - AiT Semiconductor Inc.

Part # LLDB3
Description  ZENER DIODES 150mW BI-DIRECTIONAL TRIGGER DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

LLDB3 Datasheet(HTML) 5 Page - AiT Semiconductor Inc.

  LLDB3 Datasheet HTML 1Page - AiT Semiconductor Inc. LLDB3 Datasheet HTML 2Page - AiT Semiconductor Inc. LLDB3 Datasheet HTML 3Page - AiT Semiconductor Inc. LLDB3 Datasheet HTML 4Page - AiT Semiconductor Inc. LLDB3 Datasheet HTML 5Page - AiT Semiconductor Inc. LLDB3 Datasheet HTML 6Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
LLDB3
ZENER DIODES
150mW BI-DIRECTIONAL TRIGGER DIODE
REV1.0
- NOV 2014 RELEASED -
- 5 -
PACKAGE INFORMATION
Dimension in LL-34 (Unit: mm)
Suggested PDA Layout
DIM
MILLIMETERS
INCHES
MIN
MAX
MIN
MAX
A
3.300
3.700
0.130
0.146
B
1.400
1.600
0.055
0.063
C
0.200
0.500
0.008
0.020



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com