Electronic Components Datasheet Search
  English  ▼

X  

LLDB3 Datasheet(PDF) 2 Page - AiT Semiconductor Inc.

Part # LLDB3
Description  ZENER DIODES 150mW BI-DIRECTIONAL TRIGGER DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

LLDB3 Datasheet(HTML) 2 Page - AiT Semiconductor Inc.

  LLDB3 Datasheet HTML 1Page - AiT Semiconductor Inc. LLDB3 Datasheet HTML 2Page - AiT Semiconductor Inc. LLDB3 Datasheet HTML 3Page - AiT Semiconductor Inc. LLDB3 Datasheet HTML 4Page - AiT Semiconductor Inc. LLDB3 Datasheet HTML 5Page - AiT Semiconductor Inc. LLDB3 Datasheet HTML 6Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
LLDB3
ZENER DIODES
150mW BI-DIRECTIONAL TRIGGER DIODE
REV1.0
- NOV 2014 RELEASED -
- 2 -
ABSOLUTE MAXIMUM RATINGS
Rating at 25.C ambient temperature unless otherwise specified
PD, Power Dissipation
150mW
IFRM, Repetitive Peak Forward Current
Pulse Width=20μsec
2A
RθJA, Thermal Resistance (Junction to Ambient)NOTE 1
400°C/W
TJ, TSTG, Junction and Storage Temperature Range
-40°C ~125°C
Stresses above may cause permanent damage to the device. These are stress ratings only and functional operation of the device at
these or any other conditions beyond those indicated in the Electrical Characteristics are not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
NOTE1: Valid provided that electrodes are kept at ambient temperature
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Conditions
LLDB3
LLDB3TG
Unit
Break-over Voltage
VBO
C= 22nF
Min.
28
30
V
Typ.
32
32
Max.
36
34
Break-over Voltage Symmetry
+/-VBO
C= 22nF
Max.
+/-3
+/-2
V
Break-over Current
IBO
C= 22nF
Max.
100
15
nA
Dynamic Breakover Voltage
ΔV
IBO to IF=10mA
Min.
5
9
V
Leakage Current
IB
VB= 0.5VBO (MAX)
Max.
10
μA
Output Voltage
VO
*see diagram 1
Min.
5
V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com