Electronic Components Datasheet Search
  English  ▼

X  

SR7 Datasheet(PDF) 2 Page - CUI INC

Part # SR7
Description  SIGNAL RELAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SR7 Datasheet(HTML) 2 Page - CUI INC

  SR7 Datasheet HTML 1Page - CUI INC SR7 Datasheet HTML 2Page - CUI INC SR7 Datasheet HTML 3Page - CUI INC SR7 Datasheet HTML 4Page - CUI INC SR7 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
cuidevices.com
CUI Devices
│ SERIES: SR7 │ DESCRIPTION: SIGNAL RELAY
date 06/07/2022
│ page 2 of 5
CONTACT SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
contact form
1 Form C
contact material
AuAg overlay
contact rating
1 A @ 120 Vac, 24 Vdc
contact resistance
at 6 Vdc, 0.1 A
50
mΩ
maxswitchingvoltage
220
30
Vac
Vdc
maxswitchingcurrent
3
A
maxswitchingpower
360
72
VA
W
minswitchingload
5 Vdc, 10 mA
life
electrical
mechanical
100,000
10,000,000
operations
operations
GENERAL SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
insulation resistance
at 500 Vdc
100
MΩ
dielectricstrength
between open contacts for 1 minute
between coil and contacts for 1 minute
750
1,500
Vac
Vac
operate time
5
ms
release time
5
ms
shockresistance
endurance
misoperation
1,000
100
m/s²
m/s²
vibration resistance
endurance: 10~55 Hz, 1.5 mm double amplitude
misoperation: 10~55 Hz, 1.5 mm double amplitude
operating temperature
-25
70
°C
humidity
at40°C
35
95
%RH
weight
4.0
g
safety approvals
UL/cUL 508
flammabilityrating
UL94V-0
RoHS
yes
packaging
tube: 25 pcs per tube
carton size: 466 x 306 x 140 mm
carton QTY: 2,000 pcs per carton
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
handsoldering
for3.5±0.5seconds
340
350
360
°C
wave soldering
for10±1seconds
255
260
265
°C
Additional Resources: Product Page



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com