Electronic Components Datasheet Search
  English  ▼

X  

SR7 Datasheet(PDF) 1 Page - CUI INC

Part # SR7
Description  SIGNAL RELAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SR7 Datasheet(HTML) 1 Page - CUI INC

  SR7 Datasheet HTML 1Page - CUI INC SR7 Datasheet HTML 2Page - CUI INC SR7 Datasheet HTML 3Page - CUI INC SR7 Datasheet HTML 4Page - CUI INC SR7 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
date 06/07/2022
page 1 of 5
cuidevices.com
SERIES: SR7
│ DESCRIPTION: SIGNAL RELAY
FEATURES
• 3~24 Vdc coil voltage
• 200 mW coil power
• contact form 1C
PART NUMBER KEY
Base Number
SR7 - XX - 200 - 1C
Coil Voltage (Vdc):
3V = 3
5V = 5
9V = 9
12V = 12
24V = 24
MODEL
coil
voltage
coil
resistance
operating
voltage
release
voltage
coil
power
typ
(Vdc)
(
Ω±10%)
min
(Vdc)
max
(Vdc)
typ
(mW)
SR7-3V-200-1C
3
45
2.25
0.3
200
SR7-5V-200-1C
5
125
3.75
0.5
200
SR7-9V-200-1C
9
405
6.75
0.9
200
SR7-12V-200-1C
12
720
9.0
1.2
200
SR7-24V-200-1C
24
2,880
18.0
2.4
200
Notes:
1.Allspecificationsaremeasuredat23°Cunlessotherwisespecified.
Additional Resources: Product Page


Similar Part No. - SR7

ManufacturerPart #DatasheetDescription
logo
Same Sky Devices
SR7 SAMESKY-SR7 Datasheet
386Kb / 5P
SIGNAL RELAY
09/12/2024
SR7-12V-200-1C SAMESKY-SR7-12V-200-1C Datasheet
386Kb / 5P
SIGNAL RELAY
09/12/2024
SR7-24V-200-1C SAMESKY-SR7-24V-200-1C Datasheet
386Kb / 5P
SIGNAL RELAY
09/12/2024
SR7-3V-200-1C SAMESKY-SR7-3V-200-1C Datasheet
386Kb / 5P
SIGNAL RELAY
09/12/2024
SR7-5V-200-1C SAMESKY-SR7-5V-200-1C Datasheet
386Kb / 5P
SIGNAL RELAY
09/12/2024
More results

Similar Description - SR7

ManufacturerPart #DatasheetDescription
logo
OEN India Limited
41-12-1A-3 OENINDIA-41-12-1A-3 Datasheet
114Kb / 1P
SIGNAL RELAY
46-12-2C-S OENINDIA-46-12-2C-S Datasheet
61Kb / 1P
SIGNAL RELAY
logo
Adam Technologies, Inc.
RPH-1A-P-12-S ADAM-TECH-RPH-1A-P-12-S Datasheet
89Kb / 1P
SIGNAL RELAY
RT3-XX-L1-SMT-A ADAM-TECH-RT3-XX-L1-SMT-A Datasheet
109Kb / 1P
SIGNAL RELAY
RT5-12 ADAM-TECH-RT5-12 Datasheet
96Kb / 1P
SIGNAL RELAY
logo
CUI INC
SR11 CUI-SR11 Datasheet
454Kb / 5P
SIGNAL RELAY
06/07/2022
SR5 CUI-SR5 Datasheet
470Kb / 5P
SIGNAL RELAY
06/08/2022
SR1 CUI-SR1 Datasheet
459Kb / 5P
SIGNAL RELAY
06/07/2022
SR10 CUI-SR10 Datasheet
451Kb / 5P
SIGNAL RELAY
06/07/2022
SR3 CUI-SR3 Datasheet
466Kb / 5P
SIGNAL RELAY
06/07/2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com