Electronic Components Datasheet Search
  English  ▼

X  

CBTL05024 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # CBTL05024
Description  High performance multiplexer/demultiplexer switch for Thunderbolt applications
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CBTL05024 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button CBTL05024 Datasheet HTML 5Page - NXP Semiconductors CBTL05024 Datasheet HTML 6Page - NXP Semiconductors CBTL05024 Datasheet HTML 7Page - NXP Semiconductors CBTL05024 Datasheet HTML 8Page - NXP Semiconductors CBTL05024 Datasheet HTML 9Page - NXP Semiconductors CBTL05024 Datasheet HTML 10Page - NXP Semiconductors CBTL05024 Datasheet HTML 11Page - NXP Semiconductors CBTL05024 Datasheet HTML 12Page - NXP Semiconductors CBTL05024 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
CBTL05024
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 4 — 27 March 2014
9 of 21
NXP Semiconductors
CBTL05024
High performance MUX/deMUX switch for Thunderbolt applications
9.
Characteristics
9.1 Device general characteristics
[1]
Do not include current through R4.
[2]
Outputs are undefined during reconfiguration, including enable and disable time of the multiplexers.
9.2 3 : 1 TB MUX channel characteristics
Table 10.
General characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IDD
supply current[1]
TB mode; VDD = 3.6 V
-
0.25
0.35
mA
Pcons
power consumption[1]
TB mode; VDD = 3.6 V; AUXIO_EN = 1,
TB_ENA = 1 and DP_PD = 1
-
0.825
1.26
mW
DP or DP++ modes; AUXIO_EN = 1,
TB_ENA = 0 and DP_PD = 0
-
0.66
1.00
mW
Sleep or DP Standby modes;
(AUXIO_EN = 1, TB_ENA = 1 and
CA_DET = DP_PD = 0) for Sleep mode
or (AUXIO_EN = 0 and DP_PD = 0) for
DP Standby mode
-1
18
W
Detect mode; AUXIO_EN = 1,
TB_ENA = 0 and DP_PD = 1
-1
18
W
Standby mode; AUXIO_EN = 0,
TB_ENA = X and DP_PD = 1
-1
18
W
tstartup
start-up time
supply voltage valid to channel specified
operating characteristics
-
100
500
s
trcfg
reconfiguration time
DP_PD, AUXIO_EN, TB_ENA or
CA_DET state change to channel
specified operating characteristics
[2] -
50
100
s
Table 11.
TB channel of 2 : 1 10G MUX dynamic and static characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
DDIL
differential insertion loss
channel is OFF
f= 5GHz
-
20
-
dB
f = 100 MHz
-
55
-
dB
channel is ON
f= 5GHz
-
1.3
-
dB
f = 100 MHz
-
1-
dB
DDRL
differential return loss
f = 5 GHz
-
20
-
dB
f = 100 MHz
-
22
-
dB
DDNEXT
differential near-end crosstalk
adjacent channels are ON
f= 5GHz
-
18
-
dB
f= 2.7GHz
-
25
-
dB
f = 100 MHz
-
60
-
dB
f= 1MHz
-
70
-
dB
Ron
ON-state resistance
VDD =3.3 V; VI =3.3 V;
II =5mA
-8.5
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com