Electronic Components Datasheet Search
  English  ▼

X  

CBTL05024 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # CBTL05024
Description  High performance multiplexer/demultiplexer switch for Thunderbolt applications
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CBTL05024 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button CBTL05024 Datasheet HTML 7Page - NXP Semiconductors CBTL05024 Datasheet HTML 8Page - NXP Semiconductors CBTL05024 Datasheet HTML 9Page - NXP Semiconductors CBTL05024 Datasheet HTML 10Page - NXP Semiconductors CBTL05024 Datasheet HTML 11Page - NXP Semiconductors CBTL05024 Datasheet HTML 12Page - NXP Semiconductors CBTL05024 Datasheet HTML 13Page - NXP Semiconductors CBTL05024 Datasheet HTML 14Page - NXP Semiconductors CBTL05024 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
CBTL05024
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 4 — 27 March 2014
11 of 21
NXP Semiconductors
CBTL05024
High performance MUX/deMUX switch for Thunderbolt applications
9.3 DP MUX channel characteristics
Table 13.
DDC - AUXIO channel of AUX MUX dynamic and static characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Ron
ON-state resistance
VDD =3.3 V; II = 10 mA
-
35
50
Cin
input capacitance
VDD =3.3 V; VI = 3.3 V
-
0.2
-
pF
tPD
propagation delay
between DDC and AUXIO
-
70
-
ps
ILIH
HIGH-level input leakage current
DDC_DAT and DDC_CLK pins;
VDD =max; VI =VDD
--
1.5
A
ILIL
LOW-level input leakage current
DDC_DAT and DDC_CLK pins;
VDD =max; VI =GND
--
1.5
A
Table 14.
Channel dynamic and static characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
DDIL
differential insertion loss
DP-DPMLO path; channel is OFF
f= 2.7GHz
-
20
-
dB
f = 1.35 GHz
-
35
-
dB
f = 100 MHz
-
50
-
dB
DP-DPMLO path; channel is ON
f= 2.7GHz
-
1.2
-
dB
f = 1.35 GHz
-
1.1
-
dB
f = 100 MHz
-
0.8
-
dB
il(se)
single-ended insertion loss
LS-DPMLO path; channel is OFF;
f= 5MHz
-
60
-
dB
LS-DPMLO path; channel is ON;
f= 5MHz
-
1-
dB
DDRL
differential return loss
DP-DPMLO path
f= 2.7GHz
-
15
-
dB
f = 100 MHz
-
20
-
dB
rl(se)
single-ended return loss
LS-DPMLO path; f = 5 MHz
-
18
-
dB
DDNEXT
differential near-end crosstalk adjacent channels are ON
f= 5GHz
-
18
-
dB
f= 2.7GHz
-
25
-
dB
f = 100 MHz
-
60
-
dB
f= 1MHz
-
70
-
dB
Ron
ON-state resistance
DP-DPMLO path; VDD =3.3 V; II =5mA
-
9
12
LS-DPMLO path; VDD =3.3 V; II =5 mA
-
16
22
initial ON-state resistance before
power supply negotiation done;
VDD =2.3 V; II =5mA
-35
50
B3dB
3 dB bandwidth
differential; DP-DPMLO path
-
5.5
-
GHz
single-ended; LS-DPMLO path
-
1
-
GHz
tPD
propagation delay
between DP+/DP
 and
DPMLO+/DPMLO
-
100
-
ps
tsk(dif)
differential skew time
intra-pair
-
5
-
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com