Electronic Components Datasheet Search
  English  ▼

X  

MUN2213 Datasheet(PDF) 3 Page - AiT Semiconductor Inc.

Part # MUN2213
Description  BIAS RESISTOR TRANSISTOR NPN SILICON SURFACE MOUNT TRANSISTOR WITH MONOLITHIC BIAS RESISTOR NETWORK
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

MUN2213 Datasheet(HTML) 3 Page - AiT Semiconductor Inc.

  MUN2213 Datasheet HTML 1Page - AiT Semiconductor Inc. MUN2213 Datasheet HTML 2Page - AiT Semiconductor Inc. MUN2213 Datasheet HTML 3Page - AiT Semiconductor Inc. MUN2213 Datasheet HTML 4Page - AiT Semiconductor Inc. MUN2213 Datasheet HTML 5Page - AiT Semiconductor Inc. MUN2213 Datasheet HTML 6Page - AiT Semiconductor Inc. MUN2213 Datasheet HTML 7Page - AiT Semiconductor Inc. MUN2213 Datasheet HTML 8Page - AiT Semiconductor Inc. MUN2213 Datasheet HTML 9Page - AiT Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
MUN2211~MUN2241
BIAS RESISTOR TRANSISTOR
NPN SILICON SURFACE MOUNT TRANSISTOR WITH
MONOLITHIC BIAS RESISTOR NETWORK
REV1.2
- AUG 2011 RELEASED, MAY 2018 UPDATED -
- 3 -
ELECTRICAL CHARACTERISTICS
TA = 25°C, unless otherwise noted.
NOTE2: Pulse Test: Pulse Width < 300μs, Duty Cycle < 2.0%.
Parameter
Symbol
Characteristic
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector-Base Cutoff Current
ICBO
VCB = 50V, IE = 0
-
-
100
nAdc
Collector-Emitter Cutoff Current
ICEO
VCE = 50V, IB = 0
-
-
500
nAdc
Emitter-Base Cutoff Current
IEBO
VEB= 6.0V,
IC = 0
MUN2211
-
-
0.5
mAdc
MUN2212
0.2
MUN2213
0.1
MUN2214
0.2
MUN2215
0.9
MUN2216
1.9
MUN2230
4.3
MUN2231
2.3
MUN2232
1.5
MUN2233
0.18
MUN2234
0.13
MUN2235
0.2
MUN2238
4.0
MUN2241
0.1
Collector-Base Breakdown Voltage
V(BR)CBO IC = 10μA, IE = 0
50
-
-
Vdc
Collector-Emitter Breakdown
Voltage NOTE2
V(BR)CEO IC = 2.0mA, IB = 0
50
-
-
Vdc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com