Electronic Components Datasheet Search
  English  ▼

X  

MUN2213 Datasheet(PDF) 6 Page - AiT Semiconductor Inc.

Part # MUN2213
Description  BIAS RESISTOR TRANSISTOR NPN SILICON SURFACE MOUNT TRANSISTOR WITH MONOLITHIC BIAS RESISTOR NETWORK
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

MUN2213 Datasheet(HTML) 6 Page - AiT Semiconductor Inc.

Back Button MUN2213 Datasheet HTML 2Page - AiT Semiconductor Inc. MUN2213 Datasheet HTML 3Page - AiT Semiconductor Inc. MUN2213 Datasheet HTML 4Page - AiT Semiconductor Inc. MUN2213 Datasheet HTML 5Page - AiT Semiconductor Inc. MUN2213 Datasheet HTML 6Page - AiT Semiconductor Inc. MUN2213 Datasheet HTML 7Page - AiT Semiconductor Inc. MUN2213 Datasheet HTML 8Page - AiT Semiconductor Inc. MUN2213 Datasheet HTML 9Page - AiT Semiconductor Inc. MUN2213 Datasheet HTML 10Page - AiT Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
MUN2211~MUN2241
BIAS RESISTOR TRANSISTOR
NPN SILICON SURFACE MOUNT TRANSISTOR WITH
MONOLITHIC BIAS RESISTOR NETWORK
REV1.2
- AUG 2011 RELEASED, MAY 2018 UPDATED -
- 6 -
TA = 25°C unless otherwise noted.
NOTE3: Pulse Test: Pulse Width < 300μs, Duty Cycle < 2.0%.
Parameter
Symbol
Characteristic
Min
Typ
Max
Unit
ON CHARACTERISTICS NOTE2
Input Resistor
R1
MUN2211
7.0
10
13
kΩ
MUN2212
15.4
22
28.6
MUN2213
32.9
47
61.1
MUN2214
7.0
10
13
MUN2215
7.0
10
13
MUN2216
3.3
4.7
6.1
MUN2230
0.7
1.0
1.3
MUN2231
1.5
2.2
2.9
MUN2232
3.3
4.7
6.1
MUN2233
3.3
4.7
6.1
MUN2234
15.4
22
28.6
MUN2235
1.54
2.2
2.86
MUN2238
1.54
2.2
2.88
MUN2241
70
100
130
Resistor Ratio
R1/R2
MUN2211
0.8
1.0
1.2
MUN2212
MUN2213
MUN2214
0.17
0.21
0.25
MUN2215
-
-
-
MUN2216
MUN2238
MUN2241
-
-
-
MUN2230
0.8
1.0
1.2
MUN2231
MUN2232
MUN2233
0.055
0.1
0.185
MUN2234
0.38
0.47
0.56
MUN2235
0.038
0.047
0.056



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com