| Electronic Components Datasheet Search |
|
MUN5111 Datasheet(PDF) 1 Page - AiT Semiconductor Inc. |
|
|
|||||||||||||||||||||||||||||
MUN5111 Datasheet(HTML) 1 Page - AiT Semiconductor Inc. |
|
1 / 15 page ![]() AiT Semiconductor Inc. www.ait-ic.com MUN5111~ MUN5137 BIAS RESISTOR TRANSISTOR PNP SILICON SURFACE MOUNT TRANSISTOR WITH MONOLITHIC BIAS RESISTOR NETWORK REV1.0 - MAY 2016 RELEASED - - 1 - DESCRIPTION FEATURES This new series of digital transistors is designed to replace a single device and its external resistor bias network. The BRT (Bias Resistor Transistor) contains a single transistor with a monolithic bias network consisting of two resistors; a series base resistor and a base–emitter resistor. The BRT eliminates these individual components by integrating them into a single device. The use of a BRT can reduce both system cost and board space. The device is housed in the SC-70 package which is designed for low power surface mount applications. The MUN5111~ MUN5137 is available in SC-70 package Simplifies Circuit Design Reduces Board Space Reduces Component Count The modified gull–winged leads absorb thermal stress during soldering eliminating the possibility of damage to the die. Available in SC-70 package PIN DESCRIPTION ORDERING INFORMATION Package Type Part Number SC-70 MUN5111 MUN5112 MUN5113 MUN5114 MUN5115 MUN5116 MUN5130 MUN5131 MUN5132 MUN5133 MUN5134 MUN5135 MUN5136 MUN5137 Note 3,000pcs/Reel AiT provides all RoHS Compliant Products |
Similar Part No. - MUN5111 |
|
Similar Description - MUN5111 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |