Electronic Components Datasheet Search
  English  ▼

X  

MUN5111 Datasheet(PDF) 2 Page - AiT Semiconductor Inc.

Part # MUN5111
Description  BIAS RESISTOR TRANSISTOR PNP SILICON SURFACE MOUNT TRANSISTOR WITH MONOLITHIC BIAS RESISTOR NETWORK
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

MUN5111 Datasheet(HTML) 2 Page - AiT Semiconductor Inc.

  MUN5111 Datasheet HTML 1Page - AiT Semiconductor Inc. MUN5111 Datasheet HTML 2Page - AiT Semiconductor Inc. MUN5111 Datasheet HTML 3Page - AiT Semiconductor Inc. MUN5111 Datasheet HTML 4Page - AiT Semiconductor Inc. MUN5111 Datasheet HTML 5Page - AiT Semiconductor Inc. MUN5111 Datasheet HTML 6Page - AiT Semiconductor Inc. MUN5111 Datasheet HTML 7Page - AiT Semiconductor Inc. MUN5111 Datasheet HTML 8Page - AiT Semiconductor Inc. MUN5111 Datasheet HTML 9Page - AiT Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
MUN5111~ MUN5137
BIAS RESISTOR TRANSISTOR
PNP SILICON SURFACE MOUNT TRANSISTOR
WITH MONOLITHIC BIAS RESISTOR NETWORK
REV1.0
- MAY 2016 RELEASED -
- 2 -
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted
VCBO, Collector-Base Voltage
50Vdc
VCEO, Collector-Emitter Voltage
50Vdc
IC, Collector Current
100mAdc
Stresses above may cause permanent damage to the device. These are stress ratings only and functional operation of the device at
these or any other conditions beyond those indicated in the Electrical Characteristics are not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
THERMAL CHARACTERISTICS
Parameter
Symbol
Max.
Unit
Total Device Dissipation
TA = 25°C
PD
202NOTE1
310NOTE2
mW
Derate above 25°C
1.6NOTE1
2.5NOTE2
°C/W
Thermal Resistance-Junction-to-Ambient
RθJA
618NOTE1
403NOTE2
°C/W
Thermal Resistance -Junction-to-Lead
RθJL
280NOTE1
332NOTE2
°C/W
Junction and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
NOTE1: FR–4 @ Minimum Pad
NOTE2: FR–4 @ 1.0 x 1.0 inch Pad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com