Electronic Components Datasheet Search
  English  ▼

X  

MCP6V52 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP6V52
Description  45V, 2 MHz Zero-Drift Op Amp with EMI Filtering
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V52 Datasheet(HTML) 3 Page - Microchip Technology

  MCP6V52 Datasheet HTML 1Page - Microchip Technology MCP6V52 Datasheet HTML 2Page - Microchip Technology MCP6V52 Datasheet HTML 3Page - Microchip Technology MCP6V52 Datasheet HTML 4Page - Microchip Technology MCP6V52 Datasheet HTML 5Page - Microchip Technology MCP6V52 Datasheet HTML 6Page - Microchip Technology MCP6V52 Datasheet HTML 7Page - Microchip Technology MCP6V52 Datasheet HTML 8Page - Microchip Technology MCP6V52 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
2018-2022 Microchip Technology Inc. and its subsidiaries
DS20006136B-page 3
MCP6V51/2/4
1.0
ELECTRICAL CHARACTERISTICS
1.1
Absolute Maximum Ratings†
VDD – VSS ...............................................................................................................................................................49.5V
Current at Input Pins
(Note 1).................................................................................................................................±5 mA
Analog Inputs (VIN+ and VIN-)...................................................................................................VSS – 0.5V to VDD + 0.5V
All Other Inputs and Outputs ....................................................................................................VSS – 0.3V to VDD + 0.3V
Differential Input Voltage
(Note 1)...............................................................................................................................±9V
Output Short-Circuit Current .......................................................................................................................... Continuous
Current at Output and Supply Pins ......................................................................................................................±50 mA
Storage Temperature .............................................................................................................................-65°C to +150°C
Maximum Junction Temperature .......................................................................................................................... +150°C
ESD Protection on All Pins (HBM, CDM, MM)  2 kV, 750V, 200V
Note 1: The inputs are clamped by internal back-to-back diodes. If differential input voltages exceed ±9V, the current
must be limited to 5 mA or less. Also, see
Section 4.2.1 “Input Protection”.
1.2
Electrical Specifications
† Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above
those indicated in the operational listings of this specification is not implied. Exposure to maximum rating conditions
for extended periods may affect device reliability.
DC ELECTRICAL SPECIFICATIONS
Electrical Characteristics: Unless otherwise indicated, TA = +25°C, VDD = +4.5V to +45V, VSS = GND,
VCM = VDD/3, VOUT = VDD/2, VL = VDD/2, RL = 10 kΩ to VL and CL = 100 pF (refer to Figure 1-4 and Figure 1-5).
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Input Offset
Input Offset Voltage
VOS
-15
±2.4
+15
µV
TA = +25°C
Input Offset Voltage Drift with
Temperature (Linear Temp. Co.)
TC1
-31
±5
+31
nV/°C TA = -40 to +125°C,
VDD = 4.5V (Note 1)
TC1
-36
±7
+36
nV/°C TA = -40 to +125°C,
VDD = 45V (Note 1)
Input Offset Voltage Quadratic
Temperature Co.
TC2
—
±42
—
nV/
°C2
TA = -40 to +125°C,
VDD = 4.5V
TC2
—
±38
—
nV/
°C2
TA = -40 to +125°C,
VDD = 45V
Input Offset Voltage Aging
∆VOS
—
±2
—
µV
408 hours Life Test at
+150°C,
measured at +25°C
Power Supply Rejection Ratio
PSRR
134
160
—
dB
124
138
—
dB
TA = -40°C to +125°C,
VDD = 45V (Note 1)
Note 1: Not production tested. Limits set by characterization and/or simulation and provided as design guidance
only.
2: Figure 2-17 shows how VCML and VCMH changed across temperature for the first production lot.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com