Electronic Components Datasheet Search
  English  ▼

X  

MCP6V52 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP6V52
Description  45V, 2 MHz Zero-Drift Op Amp with EMI Filtering
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V52 Datasheet(HTML) 1 Page - Microchip Technology

  MCP6V52 Datasheet HTML 1Page - Microchip Technology MCP6V52 Datasheet HTML 2Page - Microchip Technology MCP6V52 Datasheet HTML 3Page - Microchip Technology MCP6V52 Datasheet HTML 4Page - Microchip Technology MCP6V52 Datasheet HTML 5Page - Microchip Technology MCP6V52 Datasheet HTML 6Page - Microchip Technology MCP6V52 Datasheet HTML 7Page - Microchip Technology MCP6V52 Datasheet HTML 8Page - Microchip Technology MCP6V52 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
2018-2022 Microchip Technology Inc. and its subsidiaries
DS20006136B-page 1
MCP6V51/2/4
Features
• High DC Precision:
- VOS Drift: 36 nV/°C (max.)
- VOS: 15 µV (max.)
- Open-Loop Gain: 140 dB (min.)
- PSRR: 134 dB (min.)
- CMRR: 135 dB (min.)
• Low Noise:
- 10.2 nV/√ Hz at 1 kHz
- Eni: 0.21 µVP-P, f = 0.1 Hz to 10 Hz
• Low Power:
- IQ: 470 µA/Amplifier (typ.)
- Wide Single or Dual Supply Voltage Range:
4.5V to 45V, ±2.25V to ±22.5V
• Easy to Use:
- Input Range incl. Negative Rail
- Rail-to-Rail Output
- EMI Filtered Inputs
- Gain Bandwidth Product: 2 MHz
- Slew Rate 1.2V/µs
- Unity Gain Stable
• Small Packages:
- Single: SOT-23-5, MSOP-8
- Dual: MSOP-8, SOIC-8
- Quad: SOIC-14
• Extended Temperature Range: -40°C to +125°C
Typical Applications
• Industrial Instrumentation, PLC
• Process Control
• Power Control Loops
• Sensor Conditioning
• Electronic Weight Scales
• Medical Instrumentation
• Automotive Monitors
• High/Low-Side Current Sensing
Design Aids
• Microchip Advanced Part Selector (MAPS)
• SPICE Macro Models
• Application Notes
Related Parts
•
MCP6V71/1U/2/4: Zero-Drift, 2 MHz, 1.8V to 5V
•
MCP6V81/1U/2/4: Zero-Drift, 5 MHz, 1.8V to 5V
General Description
The Microchip Technology MCP6V51/2/4 operational
amplifiers employ dynamic offset correction for very
low offset and offset drift. These devices have a gain
bandwidth product of 2 MHz (typical). They are unity
gain stable, have virtually no 1/f noise and excellent
Power Supply Rejection Ratio (PSRR) and Common-
Mode Rejection Ratio (CMRR). These products
operate with a single or dual supply voltage that can
range from 4.5V to 45V (±2.25V to ±22.5V), while
drawing 470 µA/amp (typical) of quiescent current.
The MCP6V51/2/4 op amps are offered as single, dual
and quad channel amplifiers, and are designed using
an advanced CMOS process.
Typical Application Circuit
R1
VOUT
R2
R1
RSEN
ISEN
RSEN << R1, R2
VOUT
V1 V2
–
R2
R1
------
 
 
VREF
+
=
VREF
R2
VDD
MCP6V51
V1
V2
System
Supply
Load
45V, 2 MHz Zero-Drift Op Amp with EMI Filtering


Similar Part No. - MCP6V52

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6V51 MICROCHIP-MCP6V51 Datasheet
3Mb / 43P
45V, 2 MHz Zero-Drift Op Amp with EMI Filtering
08/15/18
MCP6V51-E/MS MICROCHIP-MCP6V51-E/MS Datasheet
3Mb / 43P
45V, 2 MHz Zero-Drift Op Amp with EMI Filtering
08/15/18
MCP6V51T-E/MS MICROCHIP-MCP6V51T-E/MS Datasheet
3Mb / 43P
45V, 2 MHz Zero-Drift Op Amp with EMI Filtering
08/15/18
MCP6V51T-E/OT MICROCHIP-MCP6V51T-E/OT Datasheet
3Mb / 43P
45V, 2 MHz Zero-Drift Op Amp with EMI Filtering
08/15/18
More results

Similar Description - MCP6V52

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD707 AD-AD707 Datasheet
326Kb / 8P
Ultralow Drift Op Amp
REV.B
ADA4528-1 AD-ADA4528-1 Datasheet
737Kb / 20P
Precision, Ultralow Noise, RRIO, Zero-Drift Op Amp
REV. 0
ADA4528-2ARMZ AD-ADA4528-2ARMZ Datasheet
972Kb / 29P
Precision, Ultralow Noise, RRIO, Zero-Drift Op Amp
REV. D
ADA4528-1 AD-ADA4528-1_17 Datasheet
712Kb / 28P
Precision, Ultralow Noise, RRIO, Zero-Drift Op Amp
Rev. D
logo
Microchip Technology
MCP6V76 MICROCHIP-MCP6V76 Datasheet
1Mb / 48P
170 關A, 2 MHz Zero-Drift Op Amps
02/28/20
MCP6V51 MICROCHIP-MCP6V51 Datasheet
3Mb / 43P
45V, 2 MHz Zero-Drift Op Amp with EMI Filtering
08/15/18
MCP6V66 MICROCHIP-MCP6V66 Datasheet
1Mb / 46P
80 關A, 1 MHz Zero-Drift Op Amps
05/14/19
MCP6V86 MICROCHIP-MCP6V86 Datasheet
2Mb / 52P
5 MHz, 0.5 mA, Zero-Drift Op Amps
Revision A August 2020
MCP6V96 MICROCHIP-MCP6V96 Datasheet
2Mb / 52P
10 MHz, Zero-Drift Op Amps
Revision A November 2020
logo
Analog Devices
ADA4523-1 AD-ADA4523-1 Datasheet
923Kb / 29P
36 V, Low Noise, Zero Drift Op Amp
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com