Electronic Components Datasheet Search
  English  ▼

X  

RF3334 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF3334
Description  IF LOW NOISE AMPLIFIER/MIXER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3334 Datasheet(HTML) 4 Page - RF Micro Devices

  RF3334 Datasheet HTML 1Page - RF Micro Devices RF3334 Datasheet HTML 2Page - RF Micro Devices RF3334 Datasheet HTML 3Page - RF Micro Devices RF3334 Datasheet HTML 4Page - RF Micro Devices RF3334 Datasheet HTML 5Page - RF Micro Devices RF3334 Datasheet HTML 6Page - RF Micro Devices RF3334 Datasheet HTML 7Page - RF Micro Devices RF3334 Datasheet HTML 8Page - RF Micro Devices RF3334 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
8-460
RF3334
Rev A5 031020
Pin
Function
Description
Interface Schematic
1RFDEC
External decoupling capacitor for RF single-ended to differential con-
verter.
2RF
LNA Input, Internally matched to 75
Ω. Should be AC-coupled.
3GND
Ground.
4IFVCC
5V supply for IF section.
5
IFSET
IF Gain select. The resistance between this pin and pin 6 (IFSETB)
determines the gain of the IF amplifier. Maximum gain is achieved by
placing a short circuit between the pins. Larger values of resistance will
reduce the IF gain according to the following equation where R is the
value of resistance between pins 5 and 6.
IFGain=20log(1600/(R=75))15.
6IFSETB
Complementary IF Gain select.
7IFOUT
IF Amplifier Output. Differential output of the IF amplifier. The differen-
tial load across this pin and pin 8 (IFOUTB) should be 1k
Ω or greater
for optimal performance. The differential output impedance across this
pin and pin 8 in 10
Ω.
8IFOUTB
Complementary IF Amplifier Output.
9GND
Ground.
10
MIXLOADB
Complementary Mixer load.
11
MIXLOAD
Differential output of the RF mixer. A resonant load should be applied to
this pin and pin 10 (MIXLOADB) that will act as a bandpass filter at the
desired IF frequency. VCC should be supplied to this pin via an inductor
or a resistor. Use of a resistor will degrade intermodulation perfor-
mance.
100
Ω
RFDEC
V
CC
VBIAS
RF
IFSETB
IFSET
IFSETB
IFSET
IF OUT
VBIAS
V
CC
IF OUTB
VBIAS
V
CC
MIXLOAD
MIXLOADB
MIXLOAD
MIXLOADB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com