Electronic Components Datasheet Search
  English  ▼

X  

RF3334 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF3334
Description  IF LOW NOISE AMPLIFIER/MIXER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3334 Datasheet(HTML) 5 Page - RF Micro Devices

  RF3334 Datasheet HTML 1Page - RF Micro Devices RF3334 Datasheet HTML 2Page - RF Micro Devices RF3334 Datasheet HTML 3Page - RF Micro Devices RF3334 Datasheet HTML 4Page - RF Micro Devices RF3334 Datasheet HTML 5Page - RF Micro Devices RF3334 Datasheet HTML 6Page - RF Micro Devices RF3334 Datasheet HTML 7Page - RF Micro Devices RF3334 Datasheet HTML 8Page - RF Micro Devices RF3334 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
8-461
RF3334
Rev A5 031020
Pin
Function
Description
Interface Schematic
12
RFAGC
RF Gain select voltage input. The voltage applied to this pin sets the
gain of the RF amplifier. The voltage applied to this pin should be
between 0.5V and 4.5V. The RF gain characteristic is such that 0.5V
yields a gain of -2dB and 4.5V yields a gain of +30dB as measured
from the input of the LNA to the output of the mixer stage.
13
LO
Differential LO Input. This pin and pin 14 (LOB) are the differential LO
inputs. This input should be AC-coupled. The differential input imped-
ance across pins 13 and 14 is 75
Ω. The LO may be driven single
ended but will require a higher drive level. If a single ended LO is
applied, pin 14 should be AC-coupled to ground.
14
LOB
Complementary LO Input. Should be AC-coupled.
15
GND
Ground.
16
RFVCC
5V supply for RF section.
GND
Paddle
Backside of package should be connected to ground.
100 k
Ω
RFAGC
10 k
Ω
VREF
300
Ω
LOB
300
Ω
LO
VBIAS
75
Ω
300
Ω
LOB
300
Ω
LO
VBIAS
75
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com