Electronic Components Datasheet Search
  English  ▼

X  

AD9515 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9515
Description  1.6 GHz Clock Distribution IC, Dividers, Delay Adjust, Two Outputs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9515 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9515 Datasheet HTML 13Page - Analog Devices AD9515 Datasheet HTML 14Page - Analog Devices AD9515 Datasheet HTML 15Page - Analog Devices AD9515 Datasheet HTML 16Page - Analog Devices AD9515 Datasheet HTML 17Page - Analog Devices AD9515 Datasheet HTML 18Page - Analog Devices AD9515 Datasheet HTML 19Page - Analog Devices AD9515 Datasheet HTML 20Page - Analog Devices AD9515 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
Data Sheet
AD9515
Rev. B | Page 17 of 28
OFFSET (Hz)
10
10M
1M
100k
10k
1k
100
–170
–110
–130
–120
–140
–150
–160
Figure 16. Additive Phase Noise—LVPECL, Divide = 1, 245.76 MHz
OFFSET (Hz)
10
10M
1M
100k
10k
1k
100
–170
–80
–90
–110
–100
–120
–130
–140
–150
–160
Figure 17. Additive Phase Noise—LVDS, Divide = 1, 245.76 MHz
OFFSET (Hz)
10
10M
1M
100k
10k
1k
100
–170
–100
–110
–120
–130
–140
–150
–160
Figure 18. Additive Phase Noise—CMOS, Divide = 1, 245.76 MHz
OFFSET (Hz)
10
10M
1M
100k
10k
1k
100
–170
–110
–130
–120
–140
–150
–160
Figure 19. Additive Phase Noise—LVPECL, Divide = 1, 622.08 MHz
OFFSET (Hz)
10
10M
1M
100k
10k
1k
100
–170
–80
–90
–110
–100
–120
–130
–140
–150
–160
Figure 20. Additive Phase Noise—LVDS, Divide = 2, 122.88 MHz
OFFSET (Hz)
10
10M
1M
100k
10k
1k
100
–170
–100
–110
–120
–130
–140
–150
–160
Figure 21. Additive Phase Noise—CMOS, Divide = 4, 61.44 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com