Electronic Components Datasheet Search
  English  ▼

X  

AD9515 Datasheet(PDF) 23 Page - Analog Devices

Part # AD9515
Description  1.6 GHz Clock Distribution IC, Dividers, Delay Adjust, Two Outputs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9515 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9515 Datasheet HTML 19Page - Analog Devices AD9515 Datasheet HTML 20Page - Analog Devices AD9515 Datasheet HTML 21Page - Analog Devices AD9515 Datasheet HTML 22Page - Analog Devices AD9515 Datasheet HTML 23Page - Analog Devices AD9515 Datasheet HTML 24Page - Analog Devices AD9515 Datasheet HTML 25Page - Analog Devices AD9515 Datasheet HTML 26Page - Analog Devices AD9515 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
Data Sheet
AD9515
Rev. B | Page 23 of 28
When the delay block is OFF (bypassed), it is also powered
down.
OUTPUTS
The AD9515 offers three different output level choices:
LVPECL, LVDS, and CMOS. OUT0/OUT0B offers an LVPECL
differential output. The LVPECL differential voltage swing
(VOD) can be selected as either 400 mV or 790 mV (see Table 11).
OUT1/OUT1B can be selected as either an LVDS differential
output or a pair of CMOS single-ended outputs. If selected as
CMOS, OUT1 is a noninverted, single-ended output, and
OUT1B is an inverted, single-ended output.
GND
3.3V
OUTB
OUT
Figure 30. LVPECL Output Simplified Equivalent Circuit
OUTB
OUT
3.5mA
3.5mA
Figure 31. LVDS Output Simplified Equivalent Circuit
OUT1/
OUT1B
VS
Figure 32. CMOS Equivalent Output Circuit
POWER SUPPLY
The AD9515 requires a 3.3 V ± 5% power supply for VS. The
tables in the Specifications section give the performance
expected from the AD9515 with the power supply voltage
within this range. In no case should the absolute maximum
range of −0.3 V to +3.6 V, with respect to GND, be exceeded
on Pin VS.
Good engineering practice should be followed in the layout of
power supply traces and the ground plane of the PCB. The
power supply should be bypassed on the PCB with adequate
capacitance (>10 μF). The AD9515 should be bypassed with
adequate capacitors (0.1 μF) at all power pins as close as
possible to the part. The layout of the AD9515 evaluation
board (AD9515/PCB) is a good example.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com