Electronic Components Datasheet Search
  English  ▼

X  

ADM8323 Datasheet(PDF) 8 Page - Analog Devices

Part # ADM8323
Description  Supervisory Circuits with Windowed Watchdog and Manual Reset in 5-Lead SOT-23
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM8323 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADM8323 Datasheet HTML 4Page - Analog Devices ADM8323 Datasheet HTML 5Page - Analog Devices ADM8323 Datasheet HTML 6Page - Analog Devices ADM8323 Datasheet HTML 7Page - Analog Devices ADM8323 Datasheet HTML 8Page - Analog Devices ADM8323 Datasheet HTML 9Page - Analog Devices ADM8323 Datasheet HTML 10Page - Analog Devices ADM8323 Datasheet HTML 11Page - Analog Devices ADM8323 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
ADM8323/ADM8324
Data Sheet
Rev. B | Page 8 of 15
0.90
0.95
1.00
1.05
1.10
1.15
1.20
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
–30
–10
10
30
50
70
90
110
130
Figure 10. Normalized Watchdog Timeout vs. Temperature, Fast Timeout
0.90
0.95
1.00
1.05
1.10
1.15
1.20
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
–30
–10
10
30
50
70
90
110
130
Figure 11. Normalized Watchdog Timeout vs. Temperature, Slow Timeout
CH1 2.0V
M400µs 1.25MS/s 800ns/pt
2
CH2 2.0V
1
A CH1
1.48V
WDI
RESET
Figure 12. Fast Watchdog Timeout Period, Watchdog Timeout Option A
CH1 2.0V
M 4.0ms 125kS/s 8.0µs/pt
2
CH2 2.0V
1
A CH2
1.48V
WDI
RESET
Figure 13. Slow Watchdog Timeout Period, Watchdog Timeout Option A
0
20
40
60
80
100
120
140
160
10
100
1000
OVERDRIVE VOLTAGE (mV)
VTH = 2.93V
RESET ASSERTED ABOVE CURVE
VTH = 4.63V
VTH = 5V
Figure 14. Maximum VCC Transient Duration vs. Reset Threshold Overdrive
–40
–20
0
20
40
60
80
100
120
650
660
670
680
690
700
710
720
730
740
750
760
770
780
790
800
810
820
830
840
850
TEMPERATURE (°C)
VTH = 2.5V
VTH = 2.93V
VTH = 5V
Figure 15. Manual Reset (MR) Minimum Pulse Width vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com