Electronic Components Datasheet Search
  English  ▼

X  

AD9744-EBZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD9744-EBZ
Description  14-Bit, 210 MSPS TxDAC짰 D/A Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9744-EBZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9744-EBZ Datasheet HTML 5Page - Analog Devices AD9744-EBZ Datasheet HTML 6Page - Analog Devices AD9744-EBZ Datasheet HTML 7Page - Analog Devices AD9744-EBZ Datasheet HTML 8Page - Analog Devices AD9744-EBZ Datasheet HTML 9Page - Analog Devices AD9744-EBZ Datasheet HTML 10Page - Analog Devices AD9744-EBZ Datasheet HTML 11Page - Analog Devices AD9744-EBZ Datasheet HTML 12Page - Analog Devices AD9744-EBZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Data Sheet
AD9744
Rev. C | Page 9 of 32
Figure 11. Single-Tone SFDR vs. AOUT at fOUT = fCLOCK/11
Figure 12. Single-Tone SFDR vs. AOUT at fOUT = fCLOCK/5
Figure 13. SNR vs. fCLOCK and IOUTFS at fOUT = 5 MHz and 0 dBFS
Figure 14. Dual-Tone IMD vs. AOUT at fOUT = fCLOCK/7
Figure 15. Typical INL
Figure 16. Typical DNL
45
50
55
60
65
70
75
80
85
90
95
–25
–20
–15
–10
–5
0
AOUT (dBFS)
65MSPS
125MSPS
210MSPS
165MSPS
210MSPS (LFCSP)
45
50
55
60
65
70
75
80
85
90
95
–25
–20
–15
–10
–5
0
AOUT (dBFS)
65MSPS
125MSPS
125MSPS (LFCSP)
165MSPS
165MSPS (LFCSP)
210MSPS (LFCSP)
210MSPS
50
55
60
65
70
75
80
85
90
0
30
60
90
120
150
180
210
fCLOCK (MSPS)
IOUTFS = 5mA
IOUTFS = 5mA LFCSP
IOUTFS = 10mA
IOUTFS = 10mA LFCSP
IOUTFS = 20mA
IOUTFS = 20mA LFCSP
45
50
55
60
65
70
75
80
85
90
95
–25
–20
–15
–10
–5
0
AOUT (dBFS)
65MSPS (8.3,10.3)
78MSPS (10.1, 12.1)
125MSPS (16.9, 18.9)
165MSPS (22.6, 24.6)
210MSPS (29,31)
210MSPS (29,31)
LFCSP
4096
8192
12288
16384
–1.0
–0.5
0
0.5
1.0
CODE
0
–1.5
1.5
0
4096
1.0
0.8
–0.6
0.4
0.2
0
CODE
–0.2
–1.0
–0.8
–0.4
0.6
8192
12288
16384



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com