Electronic Components Datasheet Search
  English  ▼

X  

AD9744-EBZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD9744-EBZ
Description  14-Bit, 210 MSPS TxDAC짰 D/A Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9744-EBZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9744-EBZ Datasheet HTML 15Page - Analog Devices AD9744-EBZ Datasheet HTML 16Page - Analog Devices AD9744-EBZ Datasheet HTML 17Page - Analog Devices AD9744-EBZ Datasheet HTML 18Page - Analog Devices AD9744-EBZ Datasheet HTML 19Page - Analog Devices AD9744-EBZ Datasheet HTML 20Page - Analog Devices AD9744-EBZ Datasheet HTML 21Page - Analog Devices AD9744-EBZ Datasheet HTML 22Page - Analog Devices AD9744-EBZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
Data Sheet
AD9744
Rev. C | Page 19 of 32
these switches, the PSRR is very code dependent. This can produce
a mixing effect that can modulate low frequency power supply
noise to higher frequencies. Worst-case PSRR for either one of
the differential DAC outputs will occur when the full-scale current
is directed toward that output. As a result, the PSRR measurement
in Figure 39 represents a worst-case condition in which the
digital inputs remain static and the full-scale output current of
20 mA is directed to the DAC output being measured.
An example serves to illustrate the effect of supply noise on the
analog supply. Suppose a switching regulator with a switching
frequency of 250 kHz produces 10 mV of noise and, for
simplicity’s sake (ignoring harmonics), all of this noise is
concentrated at 250 kHz. To calculate how much of this
undesired noise will appear as current noise superimposed on
the DAC’s full-scale current, IOUTFS, one must determine the
PSRR in dB using Figure 39 at 250 kHz. To calculate the PSRR
for a given RLOAD, such that the units of PSRR are converted
from A/V to V/V, adjust the curve in Figure 39 by the scaling
factor 20 Ω log (RLOAD). For instance, if RLOAD is 50 Ω, the PSRR
is reduced by 34 dB (that is, PSRR of the DAC at 250 kHz,
which is 85 dB in Figure 39, becomes 51 dB VOUT/VIN).
Proper grounding and decoupling should be a primary
objective in any high speed, high resolution system. The
AD9744 features separate analog and digital supplies and
ground pins to optimize the management of analog and digital
ground currents in a system. In general, AVDD, the analog
supply, should be decoupled to ACOM, the analog common, as
close to the chip as physically possible. Similarly, DVDD, the
digital supply, should be decoupled to DCOM as close to the
chip as physically possible.
For those applications that require a single 3.3 V supply for both
the analog and digital supplies, a clean analog supply may be
generated using the circuit shown in Figure 40. The circuit
consists of a differential LC filter with separate power supply
and return lines. Lower noise can be attained by using low ESR
type electrolytic and tantalum capacitors.
Figure 40. Differential LC Filter for Single 3.3 V Applications
100
µF
ELECT.
0.1
µF
CER.
TTL/CMOS
LOGIC
CIRCUITS
3.3V
POWER SUPPLY
FERRITE
BEADS
AVDD
ACOM
10
µF–22µF
TANT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com