Electronic Components Datasheet Search
  English  ▼

X  

CA Datasheet(PDF) 1 Page - C&K Components

Part # CA
Description  Illuminated Power Rocker Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

CA Datasheet(HTML) 1 Page - C&K Components

  CA Datasheet HTML 1Page - C&K Components CA Datasheet HTML 2Page - C&K Components CA Datasheet HTML 3Page - C&K Components CA Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Models Available
Specifications
CONTACT RATING: 15 AMPS @ 125 V AC; 10 AMPS
@ 250 V AC; 1/4 HP @ 125 V AC or 250 V AC
.
ELECTRICAL LIFE: 10,000 make-and-break cycles at full load.
LAMP LIFE: 25,000 hours typ.
INSULATION RESISTANCE: 109
Ω min.
DIELECTRIC STRENGTH: 1,000 Vrms min. @ sea level.
C&K CA Series
Illuminated Power Rocker Switches
Features/Benefits
• 15 AMPS @ 125 V AC
• Illuminated actuator
• Various actuator styles
Typical Applications
• Power outlet strips
• Appliances
• Boating address systems
Materials
HOUSING: 6/6 nylon (UL 94V-2), black.
ACTUATOR: Polycarbonate (UL 94V-2), red.
CONTACTS: Coin silver, silver plated.
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown and
described on pages G-76 thru G-78. For additional options not shown in catalog, consult Customer Service Center.
Switch Function
CA04 (STD.) SPST, On-Off
CA24 (STD.) DPST, On-Off
Actuator
J1 (STD.) Rocker
J6 Flat rocker
J7 Curved rocker
Actuator Color
3
(STD.) Red translucent
4
Orange translucent
5
Yellow translucent
6
Green translucent
Lamp Voltage
7
(STD.) 125 V neon
8
250 V neon
Housing Color
2
(STD.) Black
1
White
Contact Material
Q (STD.) Silver
Terminations
07 (STD.) Quick connect
Actuator Markings
NONE (STD.) No markings
D ON-OFF
H O |
P O –
G-76
Dimensions are shown: IN (mm)
Dimensions subject to change
www.ittcannon.com
G


Similar Description - CA

ManufacturerPart #DatasheetDescription
logo
ITT Industries
CA04J137207Q ITT-CA04J137207Q Datasheet
259Kb / 4P
Illuminated Power Rocker Switches
DM14J72S205Q3 ITT-DM14J72S205Q3 Datasheet
300Kb / 4P
Miniature Illuminated Power Rocker Switches
logo
C&K Components
CA04J137207DQ CK-COMPONENTS-CA04J137207DQ Datasheet
202Kb / 4P
Illuminated Power Rocker Switches
DM14J72S205Q3 CK-COMPONENTS-DM14J72S205Q3 Datasheet
1Mb / 4P
Miniature Illuminated Power Rocker Switches
logo
NTE Electronics
54-083 NTE-54-083 Datasheet
7Mb / 9P
Illuminated Rocker Switches
logo
CW Industries
GRL-4011-0000 CWIND-GRL-4011-0000 Datasheet
198Kb / 2P
4000 Series Illuminated Miniature Rocker Switches
GRL-4011-1600 CWIND-GRL-4011-1600_19 Datasheet
198Kb / 2P
4000 Series Illuminated Miniature Rocker Switches
GRL-4011B-0000 CWIND-GRL-4011B-0000_19 Datasheet
196Kb / 2P
4000 Series Illuminated Miniature Rocker Switches
GRL-4021-0000 CWIND-GRL-4021-0000 Datasheet
179Kb / 2P
4000 Series Illuminated Miniature Rocker Switches
GRL-4022-0000 CWIND-GRL-4022-0000 Datasheet
196Kb / 2P
4000 Series Illuminated Miniature Rocker Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com