Electronic Components Datasheet Search
  English  ▼

X  

CA Datasheet(PDF) 2 Page - C&K Components

Part # CA
Description  Illuminated Power Rocker Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

CA Datasheet(HTML) 2 Page - C&K Components

  CA Datasheet HTML 1Page - C&K Components CA Datasheet HTML 2Page - C&K Components CA Datasheet HTML 3Page - C&K Components CA Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
C&K CA Series
Illuminated Power Rocker Switches
SWITCH FUNCTION
Third Angle
Projection
DPST
OPEN
1-1A, 2-2A
OFF
ON
CA24 (STD.)
DP
SPST
OPEN
1-1A
OFF
ON
CA04 (STD.)
SP
SCHEMATIC
CONNECTED TERMINALS
POS. 1
POS. 2
SWITCH FUNCTION
POS. 1
POS. 2
MODEL
NO.
NO.
POLES
DPST
SPST
Part number shown: CA04J137207Q
Part number shown: CA24J137207Q
See CONTACT MATERIAL section, page G-78, for complete contact ratings and agency approvals.
Contacts make on side opposite actuator thrown.
All models
with all options.
1
1A
2
1A
1
2A
2
G-77
Dimensions are shown: IN (mm)
Dimensions subject to change
www.ittcannon.com
G



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com