Electronic Components Datasheet Search
  English  ▼

X  

SIS4604DN Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SIS4604DN
Description  N-Channel 60 V (D-S) MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIS4604DN Datasheet(HTML) 3 Page - Vishay Siliconix

  SIS4604DN Datasheet HTML 1Page - Vishay Siliconix SIS4604DN Datasheet HTML 2Page - Vishay Siliconix SIS4604DN Datasheet HTML 3Page - Vishay Siliconix SIS4604DN Datasheet HTML 4Page - Vishay Siliconix SIS4604DN Datasheet HTML 5Page - Vishay Siliconix SIS4604DN Datasheet HTML 6Page - Vishay Siliconix SIS4604DN Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SiS4604DN
www.vishay.com
Vishay Siliconix
S22-0033-Rev. A, 17-Jan-2022
3
Document Number: 62028
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Output Characteristics
On-Resistance vs. Drain Current and Gate Voltage
Gate Charge
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
10
100
1000
10000
0
20
40
60
80
100
0
12345
Axis Title
V
DS - Drain-to-Source Voltage (V)
V
GS = 10 V thru 7 V
V
GS = 4 V thru 0V
V
GS = 5 V
V
GS = 6 V
10
100
1000
10000
0.007
0.008
0.009
0.010
0.011
0.012
0
1632486480
Axis Title
I
D - Drain Current (A)
V
GS = 7.5 V
V
GS = 10 V
10
100
1000
10000
0
2
4
6
8
10
0369
12
15
Axis Title
Q
g - Total Gate Charge (nC)
I
D = 10 A
V
DS = 20 V, 30 V, 40 V
10
100
1000
10000
0
16
32
48
64
80
0
1.6
3.2
4.8
6.4
8
Axis Title
V
GS - Gate-to-Source Voltage (V)
T
C = 125 °C
T
C = 25 °C
T
C = -55 °C
10
100
1000
10000
1
10
100
1000
10 000
0
1224364860
Axis Title
V
DS - Drain-to-Source Voltage (V)
C
iss
C
rss
C
oss
10
100
1000
10000
0.6
0.8
1.0
1.2
1.4
1.6
1.8
-50
-25
0
255075
100
125
150
Axis Title
T
J - Junction Temperature (°C)
V
GS = 7.5 V, 10 A
V
GS = 10 V, 10 A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com