Electronic Components Datasheet Search
  English  ▼

X  

TIL307 Datasheet(PDF) 1 Page - Texas Instruments

Part # TIL307
Description  NUMERIC DISPLAYS WITH LOGIC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIL307 Datasheet(HTML) 1 Page - Texas Instruments

  TIL307 Datasheet HTML 1Page - Texas Instruments TIL307 Datasheet HTML 2Page - Texas Instruments TIL307 Datasheet HTML 3Page - Texas Instruments TIL307 Datasheet HTML 4Page - Texas Instruments TIL307 Datasheet HTML 5Page - Texas Instruments TIL307 Datasheet HTML 6Page - Texas Instruments TIL307 Datasheet HTML 7Page - Texas Instruments TIL307 Datasheet HTML 8Page - Texas Instruments TIL307 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TIL306, TIL307
NUMERIC DISPLAYS WITH LOGIC
SLBS001 – D1034, JUNE 1982 – REVISED SEPTEMBER 1992
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Copyright
© 1992, Texas Instruments Incorporated
1
SOLID-STATE DISPLAYS WITH INTEGRAL TTL MSI CIRCUIT CHIP FOR USE
IN ALL SYSTEMS WHERE THE DATA TO BE DISPLAYED IS THE PULSE COUNT
• 6,9-mm (0.270-Inch) Character Height
• High Luminous Intensity
• TIL306 Has Left Decimal
• TIL307 Has Right Decimal
• Easy System Interface
• Wide Viewing Angle
• Internal TTL MSI Chip and Counter, Latch,
Decoder, and Driver
• Constant-Current Drive for Light-Emitting
Diodes
mechanical data
These assemblies consist of display chips and a TTL MSI chip mounted on a header with a red molded plastic
body. Multiple displays may be mounted on 11,43-mm (0.450-inch) centers.
of Pin 1
4,42 (0.174)
3,81 (0.150)
6,45 (0.254)
0,66 (0.026)
3,81 (0.150)
2,54 (0.100)
C
L
of Pin 1
C
L
0,66 (0.026)
Decimal Point
TIL306
Logic Chip
26,67 (1.050)
25,65 (1.010)
7,87 (0.310)
7,62 (0.300)
Seating Plane
(see Note A)
4,45 (0.175)
3,94 (0.155)
4 Places
1,52 (0.060)
1,02 (0.040)
0,56 (0.022)
0,46 (0.018)
DIA All Pins
2,54 (0.100) T.P.
14 Places
(see Note C)
10,67 (0.420)
9,65 (0.380)
TOP VIEW
3,56 (0.140)
2,79 (0.110)
1
ALL LINEAR DIMENSIONS ARE IN MILLIMETERS AND PARENTHETICALLY IN INCHES
10
°
4,32 (0.170) MIN
Decimal Point
TIL307
Pin 1
QB
Pin 2
QC
Pin 3
QD
Pin 4
QA
Pin 5
LS
Pin 6
RBI
Pin 7
MAX-COUNT
Pin 8
GND
Pin 9
PCEI
Pin 10
SCEI
Pin 11
RBO
Pin 12
CLR
Pin 13
DP
Pin 14
BI
Pin 15
CLK
Pin16
VCC
PIN ASSIGNMENTS
D.P.
A
B
C
D
E
F
G
A
B
C
D
E
F
G
D.P.
TIL306
TIL307
3,81 (0.150)
NOTES: A. Lead dimensions are not controlled above the seating plane.
B. Centerlines of character segments and decimal points are shown as dashed lines. Associated dimensions are nominal.
C. The true-position pin spacing is 2,54 mm (0.100 inch) between centerlines. Each centerline is located with 0,26 mm (0.010 inch) of
its true longitudinal position relative to pins 1 and 16.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - TIL307

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TIL300 ETC-TIL300 Datasheet
121Kb / 10P
PRECISION LINEAR OPTOCOUPLER
logo
Texas Instruments
TIL300 TI1-TIL300 Datasheet
102Kb / 6P
PRECISION LINEAR OPTOCOUPLER
TIL3009 TI-TIL3009 Datasheet
104Kb / 7P
OPTOCOUPLERS/OPTOISOLATORS
logo
List of Unclassifed Man...
TIL300A ETC-TIL300A Datasheet
121Kb / 10P
PRECISION LINEAR OPTOCOUPLER
logo
Texas Instruments
TIL300A TI1-TIL300A Datasheet
102Kb / 6P
PRECISION LINEAR OPTOCOUPLER
More results

Similar Description - TIL307

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MO456A-RD MICRO-ELECTRONICS-MO456A-RD Datasheet
72Kb / 2P
0.56 FOUR DIGIT NUMERIC DISPLAYS
MS132A-C MICRO-ELECTRONICS-MS132A-C Datasheet
68Kb / 2P
0.3 SINGLE DIGIT NUMERIC DISPLAYS
MY134A-C MICRO-ELECTRONICS-MY134A-C Datasheet
72Kb / 2P
0.3 SINGLE DIGIT NUMERIC DISPLAYS
logo
Texas Instruments
TIL308 TI-TIL308 Datasheet
112Kb / 7P
NUMERIC DISPLAYS WITH LOGIC
logo
List of Unclassifed Man...
SA56-11 ETC-SA56-11 Datasheet
729Kb / 6P
14MM SINGLE DIGIT NUMERIC DISPLAYS
TOT5361 ETC1-TOT5361 Datasheet
104Kb / 1P
INCH THREE DIGIT Numeric displays
logo
Lite-On Technology Corp...
LTD-6000 LITEON-LTD-6000 Datasheet
959Kb / 9P
0.56 DUAL DIGIT NUMERIC DISPLAYS
logo
Texas Instruments
TIL304 TI-TIL304 Datasheet
102Kb / 7P
NUMERIC DISPLAYS
logo
Analog Devices
AD2021 AD-AD2021_15 Datasheet
1Mb / 2P
LOGIC POWERED DPM WITH LED DISPLAYS
REV. A
logo
National Semiconductor ...
NSM4000 NSC-NSM4000 Datasheet
86Kb / 1P
NUMERIC DISPLAYS WITH INTEGRAL DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com