Electronic Components Datasheet Search
  English  ▼

X  

TIL307 Datasheet(PDF) 3 Page - Texas Instruments

Part # TIL307
Description  NUMERIC DISPLAYS WITH LOGIC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIL307 Datasheet(HTML) 3 Page - Texas Instruments

  TIL307 Datasheet HTML 1Page - Texas Instruments TIL307 Datasheet HTML 2Page - Texas Instruments TIL307 Datasheet HTML 3Page - Texas Instruments TIL307 Datasheet HTML 4Page - Texas Instruments TIL307 Datasheet HTML 5Page - Texas Instruments TIL307 Datasheet HTML 6Page - Texas Instruments TIL307 Datasheet HTML 7Page - Texas Instruments TIL307 Datasheet HTML 8Page - Texas Instruments TIL307 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TIL306, TIL307
NUMERIC DISPLAYS WITH LOGIC
SLBS001 – D1034, JUNE 1982 – REVISED SEPTEMBER 1992
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
3
description
These internally-driven seven-segment light-emitting-diode (LED) displays contain a BCD counter, a four-bit
latch, and a decoder/LED driver in a single 16-pin package. A description of the functions of the inputs and
outputs of these devices are in the terminal function table.
The TTL MSI circuits contain the equivalent of 86 gates on a single chip. Logic inputs and outputs are completely
TTL/DTL compatible. The buffered inputs are implemented with relatively large resistors in series with the bases
of the input transistors to lower drive-current requirements to one-half of that required for a standard Series
54/74 TTL input. The serial-carry input, actually two internal loads, is rated as one standard series 54/74 load.
The logic outputs, except RBO, are active pullup, and the latch outputs QA, QB, QC, and QD are each capable
of driving three standard Series 54/74 loads at a low logic level or six loads at a high logic level while the
maximum-count output is capable of driving five Series 54/74 loads at a low logic level or ten loads at a high
logic level. The RBO node with passive pull-up serves as a ripple-blanking output with the capability to drive
three Series 54/74 loads.
The LED driver outputs are designed specifically to maintain a relatively constant on-level current of
approximately 7 mA through each LED segment and decimal point. All inputs are diode clamped to minimize
transmission-line effects, thereby simplifying system design. Maximum clock frequency is typically 18 MHz and
power dissipation is typically 600 mW with all segments on.
The display format is as follows:
The displays may be interconnected to produce an n-digit display with the following features:
• Ripple-blanking input and output for blanking leading or trailing zeroes
• Floating-decimal-point logic capability
• Overriding blanking for suppressing entire display or pulse modulation of LED brightness
• Dual count-enable inputs for parallel lookahead and serial ripple logic to build high-speed fully
synchronous, multidigit counter systems with no external logic, minimizing total propagation delay from
the clock to the last latch output
• Provision for ripple-count cascading between packages
• Positive-edge-triggered synchronous BCD counter
• Parallel BCD data outputs available to drive logic processors or remote slaved displays simultaneously
with data being displayed
• Latch strobe input allows counter to operate while a previous data point is displayed
• Reset-to-zero capability with clear input.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com