Electronic Components Datasheet Search
  English  ▼

X  

GS9060 Datasheet(PDF) 2 Page - Gennum Corporation

Part # GS9060
Description  HD-LINX II Voltage Controlled Oscillator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9060 Datasheet(HTML) 2 Page - Gennum Corporation

  GS9060 Datasheet HTML 1Page - Gennum Corporation GS9060 Datasheet HTML 2Page - Gennum Corporation GS9060 Datasheet HTML 3Page - Gennum Corporation GS9060 Datasheet HTML 4Page - Gennum Corporation GS9060 Datasheet HTML 5Page - Gennum Corporation GS9060 Datasheet HTML 6Page - Gennum Corporation GS9060 Datasheet HTML 7Page - Gennum Corporation GS9060 Datasheet HTML 8Page - Gennum Corporation GS9060 Datasheet HTML 9Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
GO1525 Data Sheet
21969 - 8
July 2005
2 of 9
Contents
Key Features.................................................................................................................1
Applications...................................................................................................................1
Description ....................................................................................................................1
1. Pin Out ......................................................................................................................3
1.1 Pin Assignment ...............................................................................................3
1.2 Pin Descriptions ..............................................................................................3
2. Electrical Characteristics...........................................................................................4
3. Soldering Recommendations ....................................................................................5
3.1 Reflow Conditions ...........................................................................................6
3.2 Soldering Flux .................................................................................................6
3.3 Rework or Repair ............................................................................................6
3.4 Endurance To Warp ........................................................................................6
4. Handling Recommendations .....................................................................................7
4.1 Cleaning ..........................................................................................................7
4.2 Storage ...........................................................................................................7
4.3 Transport .........................................................................................................7
4.4 ESD Warning ..................................................................................................7
5. Package & Ordering Information...............................................................................8
5.1 Package Dimensions ......................................................................................8
5.2 Packaging Data ...............................................................................................8
5.3 Ordering Information .......................................................................................8
6. Revision History ........................................................................................................9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com