Electronic Components Datasheet Search
  English  ▼

X  

GS9060 Datasheet(PDF) 3 Page - Gennum Corporation

Part # GS9060
Description  HD-LINX II Voltage Controlled Oscillator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9060 Datasheet(HTML) 3 Page - Gennum Corporation

  GS9060 Datasheet HTML 1Page - Gennum Corporation GS9060 Datasheet HTML 2Page - Gennum Corporation GS9060 Datasheet HTML 3Page - Gennum Corporation GS9060 Datasheet HTML 4Page - Gennum Corporation GS9060 Datasheet HTML 5Page - Gennum Corporation GS9060 Datasheet HTML 6Page - Gennum Corporation GS9060 Datasheet HTML 7Page - Gennum Corporation GS9060 Datasheet HTML 8Page - Gennum Corporation GS9060 Datasheet HTML 9Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
GO1525 Data Sheet
21969 - 8
July 2005
3 of 9
1. Pin Out
1.1 Pin Assignment
1.2 Pin Descriptions
GO1525
NC
GND
O/P
GND
GND
GND
VCC
VCTR
32
1
4
8
57
6
NOTE: Pin numbers are arbitrary
There are no pin markings on the device itself
TOP VIEW
Table 1-1: Pin Descriptions
Pin Number
Name
Type
Description
2, 4, 6, 8
GND
Power
Most negative power supply connections.
5V
CTR
Input
Control voltage for the VCO.
7V
CC
Power
Most positive power supply connection.
1
O/P
Output
VCO signal output.
3
NC
–
No connection.
Note: Pin numbering different from GO1515



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com