Electronic Components Datasheet Search
  English  ▼

X  

GS9022ACTJ Datasheet(PDF) 2 Page - Gennum Corporation

Part # GS9022ACTJ
Description  GENLINXTM GS9022A Digital Video Serializer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9022ACTJ Datasheet(HTML) 2 Page - Gennum Corporation

  GS9022ACTJ Datasheet HTML 1Page - Gennum Corporation GS9022ACTJ Datasheet HTML 2Page - Gennum Corporation GS9022ACTJ Datasheet HTML 3Page - Gennum Corporation GS9022ACTJ Datasheet HTML 4Page - Gennum Corporation GS9022ACTJ Datasheet HTML 5Page - Gennum Corporation GS9022ACTJ Datasheet HTML 6Page - Gennum Corporation GS9022ACTJ Datasheet HTML 7Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2 of 7
18325 - 01
Serial Data Outputs
SDATA, SDATA
bit rates
BR
SDO
100
-
400
Mb/s
signal swing
V
SDO
R
L = 75Ω
720
800
880
mVp-p
rise/fall times
t
r, tf
(20 - 80%)
400
550
800
ps
jitter
t
j
270 Mb/s
240
-
ps p-p
Note 1
Lock Time
t
lock
C
Loop filt = 0.1µF
-
5
-
ms
Auto Standard
R
Loop filt = 3.9kΩ
C
OSC = 0.1µF
Parallel Data & Clock Inputs
risetime
t
R
TA = 25°C
500
-
-
ps
setup
t
SU
3-
-
ns
hold
tHOLD
3-
-
ns
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
Supply Voltage
VS
Operating Range
4.75
5.0
5.25
V
Power Consumption
PD
Data outputs driving two 75
Ω loads
-
650
-
mW
TA = 25°C
Supply Current
IS
Data outputs driving two 75
Ω loads
-
160
190
mA
TTL Inputs-HIGH
VIH
TA = 25°C
2.0
-
-
V
TTL Inputs-LOW
VIL
TA = 25°C
-
-
0.8
V
Logic Input Current
IIN
-
2.5
6.0
µA
TTL Outputs-HIGH
VOH
TA = 25°C
2.4
-
-
V
TTL Outputs-LOW
VOL
TA = 25°C
-
-
0.5
V
V
CC
= 5V, V
EE
= 0V, T
A
= 0°C to 70°C unless otherwise shown
GS9022A - ENCODER DC ELECTRICAL CHARACTERISTICS
GS9022A - ENCODER AC ELECTRICAL CHARACTERISTICS
V
CC
= 5V, V
EE
= 0V, T
A
= 0°C to 70°C, unless otherwise shown
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
ABSOLUTE MAXIMUM RATINGS
PARAMETER
VALUE/UNITS
Supply Voltage
5.5 V
Input Voltage Range (any input)
-V
EE
< V
I
< V
CC
DC Input Current (any one input)
10 mA
Power Dissipation (V
S
= 5.25 V)
910 mW
Operating Temperature Range
0
°C £ T
A £
70
°C
Storage Temperature Range
-65
°C £ T
S £
150
°C
Lead Temperature (soldering 10 seconds)
260
°C
PIN CONNECTIONS
PD9
PCK
LOCK VEE
VCC
LF
VEE
IN
DET
PD2
PD3
PD4
PD5
PD6
PD7
PD8
SYNC DET.
DISABLE
VCCSD
SDO
SDO
VEE
VCC
R
VCO
PD1
PD0
VCC
VCC
CREG
VEE
C
OSC
GS9022A
TOP VIEW
25
24
23
22
21
20
19
5
6
7
8
9
10
11
12
13
14
15
16
17
18
4
3
2
28
27
26
CAUTION
ELECTROSTATIC
SENSITIVE DEVICES
DO NOT OPEN PACKAGES OR HANDLE
EXCEPT AT A STATIC-FREE WORKSTATION
Note 1: Measured using PCLK as trigger source on 1 GHz oscilloscope



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com