Electronic Components Datasheet Search
  English  ▼

X  

GS9022ACTJ Datasheet(PDF) 4 Page - Gennum Corporation

Part # GS9022ACTJ
Description  GENLINXTM GS9022A Digital Video Serializer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9022ACTJ Datasheet(HTML) 4 Page - Gennum Corporation

  GS9022ACTJ Datasheet HTML 1Page - Gennum Corporation GS9022ACTJ Datasheet HTML 2Page - Gennum Corporation GS9022ACTJ Datasheet HTML 3Page - Gennum Corporation GS9022ACTJ Datasheet HTML 4Page - Gennum Corporation GS9022ACTJ Datasheet HTML 5Page - Gennum Corporation GS9022ACTJ Datasheet HTML 6Page - Gennum Corporation GS9022ACTJ Datasheet HTML 7Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4 of 7
18325 - 01
GS9022A PIN DESCRIPTIONS
PIN NO.
SYMBOL
TYPE
DESCRIPTION
1
VCC
Power Supply: Most positive power supply connection for the PLL and Scrambler.
2
VCC
Power Supply: Most positive power supply connection for the parallel data inputs and P/S
converter.
3-12
PD0-PD9
I
TTL level inputs of the parallel data words. PD0 is the LSB and PD9 is the MSB.
13
PCKIN
I
TTL level input of the parallel clock.
14
LOCK DET
O
TTL level output which goes high when the internal PLL is locked.
15
VEE
Power Supply: Most negative power supply connection.
16
VCC
Power Supply: Most positive power supply connection for the PLL and Scrambler.
17
LF
I
Connection for the R-C loop filter components.
18
VEE
Power Supply: Most negative power supply connection.
19
RVCO
I
VCO frequency setting resistor. A 1% resistor is required.
20
VCC
Power Supply: Most positive power supply connection for the PLL and Scrambler.
21
VEE
Power Supply: Most negative power supply connection.
22, 23
SDO, SDO
I
75
Ω cable driver outputs (true and inverse).
24
VCCSD
Power Supply: Most positive power supply for cable driver outputs.
25
SYNC DET
TTL level input that disables the internal sync detector when high. This allows the GS9022 to
DISABLE
I
serialize 8 or 10 bit non-SMPTE standard parallel data.
26
COSC
I
Toggles VCO between ƒ and ƒ/2.
27
VEE
I
Power Supply: Most negative power supply connection.
28
CREG
I
Compensation capacitor for internal voltage regulator that requires decoupling with a
0.1 µF capacitor located as close as possible to the pin in series with an 820
Ω Resistor.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com