Electronic Components Datasheet Search
  English  ▼

X  

S2A07R Datasheet(PDF) 3 Page - Total Power International

Part # S2A07R
Description  S2A00R SERIES 3 WATT LOW COST DIP DC/DC CONVERTERS SINGLE AND DUAL OUTPUT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

S2A07R Datasheet(HTML) 3 Page - Total Power International

  S2A07R Datasheet HTML 1Page - Total Power International S2A07R Datasheet HTML 2Page - Total Power International S2A07R Datasheet HTML 3Page - Total Power International S2A07R Datasheet HTML 4Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Typical Applications
kHz
---
80
40
Switching Frequency
pF
150
100
---
100KHz,1V
Isolation Capacitance
M[
---
---
1000
500VDC
Isolation Resistance
VDC
---
---
500
60 Seconds
Isolation Voltage
Unit
Max.
Typ.
Min.
Conditions
Parameter
General Specification
Continuous
Output Short Circuit
%/]
{0.02
{0.01
---
Temperature Coefficient
%
{6
---
---
Transient Response Deviation
uS
50
---
---
50% Load Step Change
Transient Recovery Time
%
---
---
120
Over Load
mV rms.
5
---
---
Ripple & Noise (20MHz)
mV P-P
75
---
---
Over Line,Load & Temp.
Ripple & Noise (20MHz)
mV P-P
50
40
---
Ripple & Noise (20MHz)
%
{0.5
{0.2
---
Io=10% to 100%
Load Regulation
%
{0.5
{0.2
---
Vin=Min. to Max.
Line Regulation
%
{3.0
{1.0
---
Dual Output Balance Load
Output Voltage Balance
%
{4.0
{2.0
---
Output Voltage Accuracy
Unit
Max.
Typ.
Min.
Conditions
Parameter
Output Specifications
Pi Filter
Input Filter
mW
2500
---
---
Short Circuit Input Power
A
0.5
---
---
All Models
Reverse Polarity Input Current
52.8
48
43.2
48V Input Models
26.4
24
21.6
24V Input Models
13.2
12
10.8
12V Input Models
VDC
5.5
5
4.5
5V Input Models
Input Voltage Range
Unit
Max.
Typ.
Min.
Model
Parameter
Input Specifications
200mA Slow - Blow Type
500mA Slow - Blow Type
1000mA Slow - Blow Type
2000mA Slow - Blow Type
48V Input Models
24V Input Models
12V Input Models
5V Input Models
Input Fuse Selection Guide
+Out
-Out
+Vin
-Vin
Dual Output
DC / DC
Converter
Common
Load #1
Load #2
DC Power
Source
+
-
Fuse
+Out
-Out
+Vin
-Vin
Single Output
DC / DC
Converter
Load
DC Power
Source
+
-
Fuse
TOTAL POWER INT'L Tel: 877-646-0900 Fax: 978-453-7395
Email: sales@total-power.com http://www.total-power.com
-3-
TOTAL POWER INT'L
S2A00R



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com