Electronic Components Datasheet Search
  English  ▼

X  

S2A07R Datasheet(PDF) 4 Page - Total Power International

Part # S2A07R
Description  S2A00R SERIES 3 WATT LOW COST DIP DC/DC CONVERTERS SINGLE AND DUAL OUTPUT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

S2A07R Datasheet(HTML) 4 Page - Total Power International

  S2A07R Datasheet HTML 1Page - Total Power International S2A07R Datasheet HTML 2Page - Total Power International S2A07R Datasheet HTML 3Page - Total Power International S2A07R Datasheet HTML 4Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Derating Curve
Dual Output
Single Output
Connecting Pin Patterns
(2.54 mm / 0.1 inch grids )
NOTE:
1. Specifications typical at Ta=+25],resistive load,nominal input voltage,rated output current unless otherwise noted.
2. Transient recovery time is measured to within 1% error band for a step change in output load of 50% to 100%.
3. Other input and output voltage may be available,Please contact factory.
4. Specifications subject to change without notice.
-25
-10
0
20
60
40
80
100
125
Output
Power
%
Ambient Temperature OC
Output
Power
%
20
40
60
80
100
0
20
40
60
80
100
0
-2.9% / OC
-25
-10
0
20
60
40
80
100
125
Output
Power
%
Ambient Temperature OC
Output
Power
%
20
40
60
80
100
0
20
40
60
80
100
0
-4.2% / OC
TOTAL POWER INT'L Tel: 877-646-0900 Fax: 978-453-7395
Email: sales@total-power.com http://www.total-power.com
-4-
TOTAL POWER INT'L
S2A00R



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com