Electronic Components Datasheet Search
  English  ▼

X  

PLTT Datasheet(PDF) 4 Page - Vishay Siliconix

Part # PLTT
Description  Precision Low TCR High Temperature Thin Film Resistor, Surface Mount Chip, ± 5 ppm/°C TCR, 0.02 % Tolerance
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PLTT Datasheet(HTML) 4 Page - Vishay Siliconix

  PLTT Datasheet HTML 1Page - Vishay Siliconix PLTT Datasheet HTML 2Page - Vishay Siliconix PLTT Datasheet HTML 3Page - Vishay Siliconix PLTT Datasheet HTML 4Page - Vishay Siliconix PLTT Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PLTT
www.vishay.com
Vishay Dale Thin Film
Revision: 16-Mar-2021
4
Document Number: 60082
For technical questions, contact: thinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Q tolerances are available only for resistance values
≥ 250 Ω
GLOBAL PART NUMBER INFORMATION
GLOBAL
MODEL
CASE
SIZE
TCR
CHARACTERISTIC
RESISTANCE
TOLERANCE
TERMINATION
PACKAGING
PLTT
0603
0805
1206
2010
2512
Z = ± 5 ppm/°C
The first 3 digits are
significant figures and
the last digit specifies
the number of zeros to
follow. “R” designates
the decimal point.
Example:
1001 = 1 kΩ
2500 = 250 Ω
Special
values
with
more than 4 significant
figures, use a R for
value below 1 k
Ω and a
K for values greater
than 1 k
Ω to signify a
decimal point.
982R6 = 982.6 Ω
532R41 = 532.41 Ω
Q =
± 0.02 % (1)
A = ± 0.05 %
B = ± 0.1 %
D = ± 0.5 %
F = ± 1 %
G = ± 2 %
G = wraparound
gold over
Ni barrier
(10 μ" min. Au)
WS = WAFFLE
WI = 100 min., 1 mult.
(item single lot date code)
WP = 100 min., 1 mult.
(package unit single lot
date code)
TAPE AND REEL
T0 = 100 min., 100 mult.
T1 = 1000 min., 1000 mult.
T5 = 500 min., 500 mult.
TF = full reel
TS = 100 min., 1 mult.
TI = 100 min., 1 mult.
(item single lot date code)
TP = 100 min., 1 mult.
(package unit single lot
date code)
05
Z
1
01
Q
0
0
GT
1
T
PL
8
T



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com