Electronic Components Datasheet Search
  English  ▼

X  

PLTT Datasheet(PDF) 1 Page - Vishay Siliconix

Part # PLTT
Description  Precision Low TCR High Temperature Thin Film Resistor, Surface Mount Chip, ± 5 ppm/°C TCR, 0.02 % Tolerance
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PLTT Datasheet(HTML) 1 Page - Vishay Siliconix

  PLTT Datasheet HTML 1Page - Vishay Siliconix PLTT Datasheet HTML 2Page - Vishay Siliconix PLTT Datasheet HTML 3Page - Vishay Siliconix PLTT Datasheet HTML 4Page - Vishay Siliconix PLTT Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PLTT
www.vishay.com
Vishay Dale Thin Film
Revision: 16-Mar-2021
1
Document Number: 60082
For technical questions, contact: thinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Precision Low TCR High Temperature Thin Film Resistor,
Surface Mount Chip, ± 5 ppm/°C TCR, 0.02 % Tolerance
LINKS TO ADDITIONAL RESOURCES
Vishay’s proven precision thin film wraparound resistors will
meet your exact requirements. These resistors are ideal for
use in oil industry precision applications requiring low noise,
long term stability under high temperature, ultra low
temperature coefficient of resistance, and low voltage
coefficient. The chip resistors are available in any resistance
ohmic value in the range specified below.
CONSTRUCTION
FEATURES
• PLTT0603 case size is qualified to AEC-Q200
for automotive applications
• -55 °C to 215 °C operating temperature range
• TCR of ± 5 ppm/°C standard
• Tolerances to ± 0.02 %
• Anti corrosion resistant film with (SPM) special
passivation method
• Stable film and performance characteristics
• 0.5 % max. at 2000 h, 215 °C, 25 % rated power
• Non-standard resistance values available
• Very low noise and voltage coefficient
(< -30 dB, 0.1 ppm/V)
• UL 94 V-0 flame resistant
• Gold terminations (10 μ" to 20 μ")
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL PERFORMANCE
Infographics
Adhesion Layer
High Purity
Alumina Substrate
Nickel Barrier
Plated
Gold (10 μ" to 20 μ")
SPM Passivation
Enhancement
Passivated Nichrome
Resistive Film
ABSOLUTE
TCR
5
TOL.
0.02
Available
Available
STANDARD ELECTRICAL SPECIFICATIONS
TEST
SPECIFICATIONS
CONDITIONS
Material
Passivated nichrome
-
Resistance Range
75
Ω to 3 MΩ
-
TCR: Absolute
± 5 ppm/°C
-55 °C to +215 °C
Tolerance: Absolute
± 0.1 % to ± 0.02 %
+25 °C
Stability: Absolute
ΔR ± 0.5 %
2000 h at 215 °C, 25 % rated power
Stability: Ratio
--
Voltage Coefficient
± 0.1 ppm/V (typical)
-
Working Voltage
100 V to 200 V
-
Operating Temperature Range
-55 °C to +215 °C
-
Storage Temperature Range
-55 °C to +215 °C
-
Noise
< -35 dB (typical)
-
Shelf Life Stability: Absolute
ΔR ± 0.01 %
1 year at +25 °C


Similar Part No. - PLTT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PLTT VISHAY-PLTT Datasheet
109Kb / 4P
Precision Low TCR High Temperature Thin Film Resistor, Surface Mount Chip
01-Jun-15
PLTT VISHAY-PLTT Datasheet
101Kb / 4P
Precision Low TCR High Temperature Thin Film Resistor, Surface Mount Chip, ± 5 ppm/°C TCR, 0.02 % Tolerance
01-Jun-15
PLTT0805Z1001AGT1 VISHAY-PLTT0805Z1001AGT1 Datasheet
109Kb / 4P
Precision Low TCR High Temperature Thin Film Resistor, Surface Mount Chip
01-Jun-15
PLTT0805Z1001AGT5 VISHAY-PLTT0805Z1001AGT5 Datasheet
109Kb / 4P
Precision Low TCR High Temperature Thin Film Resistor, Surface Mount Chip
01-Jun-15
PLTT0805Z1001AGTF VISHAY-PLTT0805Z1001AGTF Datasheet
109Kb / 4P
Precision Low TCR High Temperature Thin Film Resistor, Surface Mount Chip
01-Jun-15
More results

Similar Description - PLTT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
Z202 VISHAY-Z202 Datasheet
103Kb / 4P
Ultra High Precision Z-Foil Miniature Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power and Tolerance to ± 0.01 %
13-Nov-07
VSMP VISHAY-VSMP Datasheet
138Kb / 4P
Ultra High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of 짹 0.05 ppm/째C and Power Coefficient of 5 ppm at
18-Sep-08
VSM VISHAY-VSM Datasheet
131Kb / 4P
High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 2 ppm/°C and Load Life Stability of ± 0.01 % (100 ppm)
18-Sep-08
PLT VISHAY-PLT Datasheet
118Kb / 3P
Precision Low TCR Thin Film Resistor, Surface Mount Chip, ± 5 ppm/°C TCR, 0.01 % Tolerance
22-Apr-15
PLTT VISHAY-PLTT Datasheet
109Kb / 4P
Precision Low TCR High Temperature Thin Film Resistor, Surface Mount Chip
01-Jun-15
PATT VISHAY-PATT_15 Datasheet
92Kb / 3P
Precision Low TCR Thin Film Resistor, Surface Mount Chip, ± 5 ppm/°C TCR, 0.01 % Tolerance
22-Apr-15
PLTT VISHAY-PLTT Datasheet
101Kb / 4P
Precision Low TCR High Temperature Thin Film Resistor, Surface Mount Chip, ± 5 ppm/°C TCR, 0.02 % Tolerance
01-Jun-15
PLTU VISHAY-PLTU Datasheet
130Kb / 3P
Ultra Precision Low TCR Thin Film Resistor, Surface Mount Chip, ± 2 ppm/°C TCR, 0.01 % Tolerance
24-Aug-16
MORN VISHAY-MORN Datasheet
98Kb / 4P
Molded, Compact, 0.65 mm Pitch, Dual-In-Line Thin Film Resistor, Surface-Mount Network 0.01 % Ratio Tolerance and 1 ppm/°C TCR Tracking
09-Nov-15
logo
C&B ELECTRONICS (SHENZH...
PEWF2512 RESI-PEWF2512 Datasheet
596Kb / 2P
High-Precision Low-TCR Alloy Current Sensing Resistor
Date 2022.11.26
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com