Electronic Components Datasheet Search
  English  ▼

X  

PR01 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # PR01
Description  Power Metal Film Leaded Resistors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PR01 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button PR01 Datasheet HTML 6Page - Vishay Siliconix PR01 Datasheet HTML 7Page - Vishay Siliconix PR01 Datasheet HTML 8Page - Vishay Siliconix PR01 Datasheet HTML 9Page - Vishay Siliconix PR01 Datasheet HTML 10Page - Vishay Siliconix PR01 Datasheet HTML 11Page - Vishay Siliconix PR01 Datasheet HTML 12Page - Vishay Siliconix PR01 Datasheet HTML 13Page - Vishay Siliconix PR01 Datasheet HTML 14Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
PR01, PR02, PR03
www.vishay.com
Vishay BCcomponents
Revision: 11-Jul-2018
10
Document Number: 28729
For technical questions, contact: filmresistorsleaded@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PR01 Pulse on a regular basis; maximum permissible peak pulse power (
max.) as a function of pulse duration (ti)
PR01 Pulse on a regular basis; maximum permissible peak pulse voltage (Ûmax.) as a function of pulse duration (ti)
PR02 Pulse on a regular basis; maximum permissible peak pulse power (
max.) as a function of pulse duration (ti)
10
-1
10
-2
10
-3
10
-4
10
-5
10
-6
10-1
1
1
10
10
2
10
3
t
i(s)
2
Pmax.
(W)
5
10
20
50
100
200
500
t p t i = 1000
/
P
ˆ
1200
0
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
1
800
1000
600
200
400
Umax.
(V)
t
i
(s)
10
-5
10
-4
10
-3
10
-2
10
-1
1
10
3
1
10
10
2
Pmax.
(W)
ti (s)
10
-6
10
-1
2
5
10
20
100
p/ i = 1000
t
t
500
50
200
P
ˆ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com