Electronic Components Datasheet Search
  English  ▼

X  

PR01 Datasheet(PDF) 15 Page - Vishay Siliconix

Part # PR01
Description  Power Metal Film Leaded Resistors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PR01 Datasheet(HTML) 15 Page - Vishay Siliconix

Back Button PR01 Datasheet HTML 11Page - Vishay Siliconix PR01 Datasheet HTML 12Page - Vishay Siliconix PR01 Datasheet HTML 13Page - Vishay Siliconix PR01 Datasheet HTML 14Page - Vishay Siliconix PR01 Datasheet HTML 15Page - Vishay Siliconix PR01 Datasheet HTML 16Page - Vishay Siliconix PR01 Datasheet HTML 17Page - Vishay Siliconix PR01 Datasheet HTML 18Page - Vishay Siliconix PR01 Datasheet HTML 19Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
PR01, PR02, PR03
www.vishay.com
Vishay BCcomponents
Revision: 11-Jul-2018
15
Document Number: 28729
For technical questions, contact: filmresistorsleaded@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TESTS PROCEDURES AND REQUIREMENTS
All tests are carried out in accordance with the following
specifications:
• IEC 60115-1, generic specification (includes tests)
The test and requirements table contains only the most
important tests. For the full test schedule refer to the
documents listed above.
The tests are carried out in accordance with IEC 60068-2-xx
test method and under standard atmospheric conditions in
accordance with IEC 60068-1, 5.3.
Climatic category LCT / UCT / 56 (rated temperature range:
lower category temperature, upper category temperature;
damp heat, steady state, test duration: 56 days) is valid.
Unless otherwise specified the following values apply:
• Temperature: 15 °C to 35 °C
• Relative humidity: 45 % to 75 %
• Air pressure: 86 kPa to 106 kPa (860 mbar to 1060 mbar).
For performing some of the tests, the components are
mounted on a test board in accordance with IEC 60115-1,
4.31.
In test procedures and requirements table, only the tests
and requirements are listed with reference to the relevant
clauses of IEC 60115-1 and IEC 60068-2-xx test methods.
A short description of the test procedure is also given.
TEST PROCEDURES AND REQUIREMENTS
IEC
60115-1
CLAUSE
IEC
60068-2-
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS PERMISSIBLE
CHANGE
(
R
max.)
4.4.1
-
Visual examination
No holes; clean surface; no damage
4.4.2
-
Dimensions (outline)
Gauge (mm)
See Straight and Kinked Dimensions
tables 
4.5
-
Resistance
± 5 % R
4.6.1.1
-
Insulation resistance
Maximum voltage (DC) after 1 min;
metal block method
Rins min.: 104 M
4.7
-
Voltage proof
URMS = Uins; 60 s
No breakdown or flashover
4.8
-
Temperature
coefficient
At (20 / -55 / 20) °C
and (20 / 155 / 20) °C
 ± 250 ppm/K
4.16
21 (Ua1)
21 (Ub)
21 (Uc)
Robustness of
terminations
Tensile, bending, and torsion
No damage
R
max.: ± (0.5 % R + 0.05 )
4.17
20 (Ta)
Solderability
+235 °C; 2 s;
solder bath method; SnPb40
Good tinning
(
 95 % covered, no visible damage)
+245 °C; 3 s;
solder bath method; SnAg3Cu0.5
Good tinning
(
 95 % covered, no visible damage)
4.18.2
20 (Tb)
Resistance to
soldering heat
Unmounted components
(260 ± 5) °C; (10 ± 1) s
R
max.: ± (1 % R + 0.05 )
4.19
14 (Na)
Rapid change of
temperature
30 min at -55 °C and
30 min at +200 °C; 5 cycles
No visual damage
PR01:
R
max.: ± (1 % R + 0.05 )
PR02:
R
max.: ± (1 % R + 0.05 )
PR03:
R
max.: ± (2 % R + 0.05 )
4.20
29 (Eb)
Bump
3 x 1500 bumps in three directions; 40 g
No damage
R
max.: ± (0.5 % R + 0.05 )
4.22
6 (Fc)
Vibration
10 sweep cycles per direction;
10 Hz to 2000 Hz;
1.5 mm or 200 m/s2
No damage
R
max.: ± (0.5 % R + 0.05 )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com