Electronic Components Datasheet Search
  English  ▼

X  

COM-14718 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # COM-14718
Description  RGB LED Matrix Panel - 32x64
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

COM-14718 Datasheet(HTML) 1 Page - SparkFun Electronics

  COM-14718 Datasheet HTML 1Page - SparkFun Electronics COM-14718 Datasheet HTML 2Page - SparkFun Electronics COM-14718 Datasheet HTML 3Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
 
 
 
RGB LED Matrix Panel - 32x64
COM-14718 ROHS
 
Are you looking to add a lot of color to your project? These 32x64 RGB LED panels are an awesome
place to start! You can create animations, games, or all sorts of other fun displays with them. Yes,
you read that right: a 32x64 LED matrix, that’s 2048 LEDs on a 10" x 5" board. On top of all that,
thanks to an IDC connector and a seamless frame, these panels can be daisy chained together to
form even bigger LED displays.
These panels require a regulated 5V supply for power which needs to be able to source a good
amount of current – up to 4A in the worst case. Included with each panel is a 0.15" pitch 4-pin
polarized connector power cable which is terminated with both a female polarized connector, and a
pair of spade terminals. Needless to say, if you are looking for a large, cheap, and easy to use RGB
LED matrix you’ve come to the right place.


Similar Part No. - COM-14718

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
COM-14710 SPARKFUN-COM-14710 Datasheet
310Kb / 3P
Mi Light RGBW LED Controller Box
7-3-18
More results

Similar Description - COM-14718

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8390 PHILIPS-TDA8390 Datasheet
664Kb / 16P
PAL DECODER AND RGB MATRIX
fEBRUARY 1989
TDA8391 PHILIPS-TDA8391 Datasheet
872Kb / 15P
One-chip PAL decoder and RGB matrix
February 1992
logo
List of Unclassifed Man...
TBA530 ETC1-TBA530 Datasheet
205Kb / 4P
RGB MATRIX PRE - AMPLIFIER
logo
Marktech Corporate
DM4-8819F4-CA02 MARKTECH-DM4-8819F4-CA02 Datasheet
214Kb / 2P
Cotco 8x8 RGB Dot Matrix Column Anode
logo
LightKey Optoelectronic...
LM23088BURPGUB LIGHTKEY-LM23088BURPGUB Datasheet
159Kb / 3P
2.30 inch 8x8 RGB Dot Matrix LED Display
logo
BetLux Electronics
BL-M23A881XXX BETLUX-BL-M23A881XXX Datasheet
333Kb / 4P
60.20mm (2.3) :u5.0 dot matrix LED display, RGB COLOR
REV NO: V.4
logo
Marl International Limi...
525-095-21-50 MARL-525-095-21-50 Datasheet
293Kb / 1P
RGB PANEL LAMP
logo
STMicroelectronics
STEVAL-ILL061V1 STMICROELECTRONICS-STEVAL-ILL061V1 Datasheet
159Kb / 7P
High brightness 4x4 RGB LED matrix
15-Oct-2013
logo
Texas Instruments
LED171596A TI1-LED171596A Datasheet
1Mb / 153P
96-LED Matrix Driver for RGB and White LEDs
logo
SparkFun Electronics
COM-14646 SPARKFUN-COM-14646 Datasheet
385Kb / 2P
RGB LED Matrix Panel - 32x32
3-19-18
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com