Electronic Components Datasheet Search
  English  ▼

X  

COM-14718 Datasheet(PDF) 2 Page - SparkFun Electronics

Part # COM-14718
Description  RGB LED Matrix Panel - 32x64
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

COM-14718 Datasheet(HTML) 2 Page - SparkFun Electronics

  COM-14718 Datasheet HTML 1Page - SparkFun Electronics COM-14718 Datasheet HTML 2Page - SparkFun Electronics COM-14718 Datasheet HTML 3Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Note: The LEDs on this matrix are smaller than those found on its 32x32 sibling providing better
detail in the images and designs you create. Please keep that in mind before purchasing.
 
INCLUDES 
1x 32x64 RGB LED Panel
1x 4mm Pitch 4-pin Power Cable w/ Spade Connectors
1x 16-pin (2x8) Ribbon Cables
4x Magnetic Mounting Standoffs
 
FEATURES 
2048 RGB LEDs
1/16 Scan Rate
IDC Connector for Daisy Chaining
5V Supply Voltage
 



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com